Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 225 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 225 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices AM79C976 Datasheet HTML 223Page - Advanced Micro Devices AM79C976 Datasheet HTML 224Page - Advanced Micro Devices AM79C976 Datasheet HTML 225Page - Advanced Micro Devices AM79C976 Datasheet HTML 226Page - Advanced Micro Devices AM79C976 Datasheet HTML 227Page - Advanced Micro Devices AM79C976 Datasheet HTML 228Page - Advanced Micro Devices AM79C976 Datasheet HTML 229Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 309 page
background image
8/01/00
Am79C976
225
P R E L I M INARY
7-0
PMR_B3
Pattern Match RAM Byte 3. This
byte is written into or read from
Byte 3 of Pattern Match RAM.
Read
and
write
accessible.
PMR_B3
is
undefined
after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
Initialization Block
Note: When SSIZE32 (BCR20, bit 8) is set to 0, the
software structures are defined to be 16 bits wide. The
base address of the initialization block must be aligned
to a word boundary, i.e., CSR1, bit 0 must be cleared to
0. When SSIZE32 is set to 0, the initialization block
looks like Table 96.
Note: The Am79C976 controller performs DWord ac-
cesses to read the initialization block. This statement is
always true, regardless of the setting of the SSIZE32
bit.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide. The base ad-
dress of the initialization block must be aligned to a
DWord boundary, i.e., CSR1, bits 1 and 0 must be
cleared to 0. When SSIZE32 is set to 1, the initialization
block looks like Table 97.
5/(1 DQG7/(1
When SSIZE32 (BCR20, bit 8) is set to 0, the software
structures are defined to be 16 bits wide, and the RLEN
and TLEN fields in the initialization block are each three
bits wide. The values in these fields determine the num-
ber of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is shown in Table 98. If a value other than those
listed in Table 98 is desired, CSR76 and CSR78 can be
written after initialization is complete.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide, and the RLEN
Table 96. Initialization Block (SSIZE32 = 0)
Address
Bits 15-13
Bit 12
Bits 11-8
Bits 7-4
Bits 3-0
IADR+00h
MODE 15-00
IADR+02h
PADR 15-00
IADR+04h
PADR 31-16
IADR+06h
PADR 47-32
IADR+08h
LADRF 15-00
IADR+0Ah
LADRF 31-16
IADR+0Ch
LADRF 47-32
IADR+0Eh
LADRF 63-48
IADR+10h
RDRA 15-00
IADR+12h
RLEN
0
RES
RDRA 23-16
IADR+14h
TDRA 15-00
IADR+16h
TLEN
0
RES
TDRA 23-16
Table 97. Initialization Block (SSIZE32 = 1)
Address
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Bits
31-28
27-24
23-20
19-16
15-12
11-8
7-4
3-0
IADR+00h
TLEN
RES
RLEN
RES
MODE
IADR+04h
PADR 31-00
IADR+08h
RES
PADR 47-32
IADR+0Ch
LADRF 31-00
IADR+10h
LADRF 63-32
IADR+14h
RDRA 31-00
IADR+18h
TDRA 31-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com