Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 223 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 223 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 219Page - Advanced Micro Devices AM79C976 Datasheet HTML 220Page - Advanced Micro Devices AM79C976 Datasheet HTML 221Page - Advanced Micro Devices AM79C976 Datasheet HTML 222Page - Advanced Micro Devices AM79C976 Datasheet HTML 223Page - Advanced Micro Devices AM79C976 Datasheet HTML 224Page - Advanced Micro Devices AM79C976 Datasheet HTML 225Page - Advanced Micro Devices AM79C976 Datasheet HTML 226Page - Advanced Micro Devices AM79C976 Datasheet HTML 227Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 309 page
background image
8/01/00
Am79C976
223
P R E L I M INARY
S_RESET or setting the STOP
bit.
%&53&, '$7$ 5HJLVWHU6L[ '$7$ $OLDV
5HJLVWHU
Note: This register is an alias of the DATA register and
also of the DATA_SCALE field of the PCMCR register.
Since these two are read only, BCR43 provides a
means of programming them through the EEPROM.
The contents of this register are copied into the corre-
sponding fields pointed with the DATA_SEL field set to
six. Bits 15-0 in this register are programmable through
the EEPROM.
Bit
Name
Description
15-10
RES
Reserved locations. Written as
zeros and read as undefined.
9-8
D6_SCALE These bits correspond to the
DATA_SCALE field of the PMC-
SR (offset Register 44 of the PCI
configuration space, bits 14-13).
Refer
to
the
description
of
DATA_SCALE for the meaning of
this field.
D6_SCALE is read only. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit
7-0
DATA6
These bits correspond to the PCI
DATA register (offset Register 47
of the PCI configuration space,
bits 7-0). Refer to the description
of DATA register for the meaning
of this field.
DATA6 is read only. Cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
%&53&, '$7$ 5HJLVWHU6HYHQ '$7$ $OLDV
5HJLVWHU
Note: This register is an alias of the DATA register and
also of the DATA_SCALE field of the PCMCR register.
Since these two are read only, BCR44 provides a
means of programming them through the EEPROM.
The contents of this register are copied into the corre-
sponding fields pointed with the DATA_SEL field set to
seven. Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
15-10
RES
Reserved locations. Written as
zeros and read as undefined.
9-8
D7_SCALE These bits correspond to the
DATA_SCALE field of the PMC-
SR (offset Register 44 of the PCI
configuration space, bits 14-13).
Refer
to
the
description
of
DATA_SCALE for the meaning of
this field.
D7_SCALE is read only. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
7-0
DATA7
These bits correspond to the PCI
DATA register (offset register 47
of the PCI configuration space,
bits 7-0). Refer to the description
of DATA register for the meaning
of this field.
DATA7 is read only. Cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
%&52Q1RZ 3DWWHUQ 0DWFKLQJ5HJLVWHU 
Note: This register is used to control and indirectly ac-
cess the Pattern Match RAM (PMR). When BCR45 is
written and the PMAT_MODE bit (bit 7) is 1, Pattern
Match logic is enabled. No bus accesses into PMR are
possible, and BCR46, BCR47, and all other bits in
BCR45 are ignored. When PMAT_MODE is set, a read
of BCR45, BCR46, or BCR47 returns all undefined bits
except for PMAT_MODE.
When BCR45 is written and the PMAT_MODE bit is 0,
the Pattern Match logic is disabled and accesses to the
PMR are possible. Bits 6-0 of BCR45 specify the ad-
dress of the PMR word to be accessed. Following the
write to BCR45, the PMR word may be read by reading
BCR45, BCR46 and BCR47 in any order. To write to
PMR word, the write to BCR45 must be followed by a
write to BCR46 and a write to BCR47 in that order to
complete the operation. The RAM will not actually be
written until the write to BCR47 is complete. The write
to BCR47 causes all 5 bytes (four bytes of BCR46-47
and the upper byte of the BCR45) to be written to what-
ever PMR word is addressed by bits 6:0 of BCR45.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
PMR_B0
Pattern Match RAM Byte 0. This
byte is written into or read from
Byte 0 of the Pattern Match RAM.
Read
and
write
accessible.
PMR_B0
is
undefined
after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com