Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 88 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 88 Page - Actel Corporation

Back Button FG256 Datasheet HTML 84Page - Actel Corporation FG256 Datasheet HTML 85Page - Actel Corporation FG256 Datasheet HTML 86Page - Actel Corporation FG256 Datasheet HTML 87Page - Actel Corporation FG256 Datasheet HTML 88Page - Actel Corporation FG256 Datasheet HTML 89Page - Actel Corporation FG256 Datasheet HTML 90Page - Actel Corporation FG256 Datasheet HTML 91Page - Actel Corporation FG256 Datasheet HTML 92Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
SX-A Family FPGAs
3- 16
v5.3
D11
VCCA
D12
NC
D13
I/O
D14
I/O
D15
I/O
D16
I/O
D17
I/O
D18
I/O
D19
I/O
D20
I/O
D21
I/O
D22
I/O
D23
I/O
E1
VCCI
E2
I/O
E3
I/O
E4
I/O
E20
I/O
E21
I/O
E22
I/O
E23
I/O
F1
I/O
F2
TMS
F3
I/O
F4
I/O
F20
I/O
F21
I/O
F22
I/O
F23
I/O
G1
I/O
G2
I/O
G3
I/O
G4
I/O
G20
I/O
G21
I/O
G22
I/O
G23
GND
329-Pin PBGA
Pin
Number
A54SX32A
Function
H1
I/O
H2
I/O
H3
I/O
H4
I/O
H20
VCCA
H21
I/O
H22
I/O
H23
I/O
J1
NC
J2
I/O
J3
I/O
J4
I/O
J20
I/O
J21
I/O
J22
I/O
J23
I/O
K1
I/O
K2
I/O
K3
I/O
K4
I/O
K10
GND
K11
GND
K12
GND
K13
GND
K14
GND
K20
I/O
K21
I/O
K22
I/O
K23
I/O
L1
I/O
L2
I/O
L3
I/O
L4
NC
L10
GND
L11
GND
L12
GND
L13
GND
329-Pin PBGA
Pin
Number
A54SX32A
Function
L14
GND
L20
NC
L21
I/O
L22
I/O
L23
NC
M1
I/O
M2
I/O
M3
I/O
M4
VCCA
M10
GND
M11
GND
M12
GND
M13
GND
M14
GND
M20
VCCA
M21
I/O
M22
I/O
M23
VCCI
N1
I/O
N2
TRST, I/O
N3
I/O
N4
I/O
N10
GND
N11
GND
N12
GND
N13
GND
N14
GND
N20
NC
N21
I/O
N22
I/O
N23
I/O
P1
I/O
P2
I/O
P3
I/O
P4
I/O
P10
GND
P11
GND
329-Pin PBGA
Pin
Number
A54SX32A
Function
P12
GND
P13
GND
P14
GND
P20
I/O
P21
I/O
P22
I/O
P23
I/O
R1
I/O
R2
I/O
R3
I/O
R4
I/O
R20
I/O
R21
I/O
R22
I/O
R23
I/O
T1
I/O
T2
I/O
T3
I/O
T4
I/O
T20
I/O
T21
I/O
T22
I/O
T23
I/O
U1
I/O
U2
I/O
U3
VCCA
U4
I/O
U20
I/O
U21
VCCA
U22
I/O
U23
I/O
V1
VCCI
V2
I/O
V3
I/O
V4
I/O
V20
I/O
V21
I/O
329-Pin PBGA
Pin
Number
A54SX32A
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com