Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 36 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 36 Page - Actel Corporation

Back Button FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation FG256 Datasheet HTML 36Page - Actel Corporation FG256 Datasheet HTML 37Page - Actel Corporation FG256 Datasheet HTML 38Page - Actel Corporation FG256 Datasheet HTML 39Page - Actel Corporation FG256 Datasheet HTML 40Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
SX-A Family FPGAs
2- 16
v5.3
Input Buffer Delays
C-Cell Delays
Cell Timing Characteristics
Figure 2-6 • Input Buffer Delays
PAD
Y
INBUF
In
3 V
0 V
1.5 V
Out
GND
50%
1.5 V
50%
VCC
t
INY
t
INY
Figure 2-7 • C-Cell Delays
S
A
B
Y
S, A, or B
Out
GND
50%
Out
GND
GND
50%
50%
50%
50%
50%
V
CC
V
CC
V
CC
t
PD
t
PD
t
PD
t
PD
Figure 2-8 • Flip-Flops
(Positive Edge Triggered)
D
CLK
CLR
Q
D
CLK
Q
CLR
t
HPWH
t
WASYN
t
HD
t
SUD
t
HP
t
HPWL
t
RCO
t
CLR
t
RPWL
t
RPWH
PRESET
tPRESET
PRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com