Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 33 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 33 Page - Actel Corporation

Back Button FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation FG256 Datasheet HTML 36Page - Actel Corporation FG256 Datasheet HTML 37Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
SX-A Family FPGAs
v5.3
2-13
To determine the heat sink's thermal performance, use the following equation:
EQ 2-14
where:
EQ 2-15
A heat sink with a thermal resistance of 9.76°C/W or better should be used. Thermal resistance of heat sinks is a
function of airflow. The heat sink performance can be significantly improved with the presence of airflow.
Carefully estimating thermal resistance is important in the long-term reliability of an Actel FPGA. Design engineers
should always correlate the power consumption of the device with the maximum allowable power dissipation of the
package selected for that device, using the provided thermal resistance data.
Note: The values may vary depending on the application.
θ
JA(TOTAL)
θ
JC
θ
CS
θ
SA
++
=
θ
CS =
0.37°C/W
=
thermal resistance of the interface material between the case and the heat
sink, usually provided by the thermal interface manufacturer
θ
SA =
thermal resistance of the heat sink in °C/W
θ
SA
θ
JA(TOTAL)
θ
JC
–
θ
CS
–
=
θ
SA
13.33
°C/W 3.20°C/W
–
0.37
°C/W
–
=
θ
SA
9.76
°C/W
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com