Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 30 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 30 Page - Actel Corporation

Back Button FG256 Datasheet HTML 26Page - Actel Corporation FG256 Datasheet HTML 27Page - Actel Corporation FG256 Datasheet HTML 28Page - Actel Corporation FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
SX-A Family FPGAs
2- 10
v5.3
Guidelines for Estimating Power
The following guidelines are meant to represent worst-case scenarios; they can be generally used to predict the upper
limits of power dissipation:
Logic Modules (m) = 20% of modules
Inputs Switching (n) = Number inputs/4
Outputs Switching (p) = Number of outputs/4
CLKA Loads (q1) = 20% of R-cells
CLKB Loads (q2) = 20% of R-cells
Load Capacitance (CL) = 35 pF
Average Logic Module Switching Rate (fm) = f/10
Average Input Switching Rate (fn) =f/5
Average Output Switching Rate (fp) = f/10
Average CLKA Rate (fq1) = f/2
Average CLKB Rate (fq2) = f/2
Average HCLK Rate (fs1) = f
HCLK loads (s1) = 20% of R-cells
To assist customers in estimating the power dissipations of their designs, Actel has published the eX, SX-A and RT54SX-S
Power Calculator worksheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com