Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 16 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 16 Page - Actel Corporation

Back Button FG256 Datasheet HTML 12Page - Actel Corporation FG256 Datasheet HTML 13Page - Actel Corporation FG256 Datasheet HTML 14Page - Actel Corporation FG256 Datasheet HTML 15Page - Actel Corporation FG256 Datasheet HTML 16Page - Actel Corporation FG256 Datasheet HTML 17Page - Actel Corporation FG256 Datasheet HTML 18Page - Actel Corporation FG256 Datasheet HTML 19Page - Actel Corporation FG256 Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
SX-A Family FPGAs
1- 12
v5.3
SX-A Probe Circuit Control Pins
SX-A devices contain internal probing circuitry that
provides built-in access to every node in a design,
enabling 100% real-time observation and analysis of a
device's internal logic nodes without design iteration.
The probe circuitry is accessed by Silicon Explorer II, an
easy to use, integrated verification and logic analysis tool
that can sample data at 100 MHz (asynchronous) or
66 MHz (synchronous). Silicon Explorer II attaches to a
PC’s standard COM port, turning the PC into a fully
functional 18-channel logic analyzer. Silicon Explorer II
allows designers to complete the design verification
process at their desks and reduces verification time from
several hours per cycle to a few seconds.
The Silicon Explorer II tool uses the boundary-scan ports
(TDI, TCK, TMS, and TDO) to select the desired nets for
verification. The selected internal nets are assigned to the
PRA/PRB pins for observation. Figure 1-13 illustrates the
interconnection between Silicon Explorer II and the FPGA
to perform in-circuit verification.
Design Considerations
In order to preserve device probing capabilities, users
should avoid using the TDI, TCK, TDO, PRA, and PRB pins
as input or bidirectional ports. Since these pins are active
during probing, critical input signals through these pins
are not available. In addition, the security fuse must not
be programmed to preserve probing capabilities. Actel
recommends that you use a 70
Ω series termination
resistor on every probe connector (TDI, TCK, TMS, TDO,
PRA, PRB). The 70
Ω series termination is used to prevent
data
transmission
corruption
during
probing
and
reading back the checksum.
Figure 1-13 • Probe Setup
SX-A FPGA
70
Ω
70
Ω
70
Ω
70
Ω
70
Ω
70
Ω
TDI
TCK
TMS
TDO
PRA
PRB
Serial Connection
Silicon Explorer II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com