Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 32 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 32 Page - Actel Corporation

Back Button FG256 Datasheet HTML 28Page - Actel Corporation FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation FG256 Datasheet HTML 36Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
SX-A Family FPGAs
2- 12
v5.3
Theta-JA
Junction-to-ambient thermal resistance (θJA) is determined under standard conditions specified by JESD-51 series but
has little relevance in actual performance of the product in real application. It should be employed with caution but is
useful for comparing the thermal performance of one package to another.
A sample calculation to estimate the absolute maximum power dissipation allowed (worst case) for a 329-pin PBGA
package at still air is as follows. i.e.:
EQ 2-11
The device's power consumption must be lower than the calculated maximum power dissipation by the package.
The power consumption of a device can be calculated using the Actel power calculator. If the power consumption is
higher than the device's maximum allowable power dissipation, then a heat sink can be attached on top of the case or
the airflow inside the system must be increased.
Theta-JC
Junction-to-case thermal resistance (θJC) measures the ability of a device to dissipate heat from the surface of the chip
to the top or bottom surface of the package. It is applicable for packages used with external heat sinks and only
applies to situations where all or nearly all of the heat is dissipated through the surface in consideration. If the power
consumption is higher than the calculated maximum power dissipation of the package, then a heat sink is required.
Calculation for Heat Sink
For example, in a design implemented in a FG484 package, the power consumption value using the power calculator is
3.00 W. The user-dependent data TJ and TA are given as follows:
From the datasheet:
EQ 2-12
The 2.22 W power is less than then required 3.00 W; therefore, the design requires a heat sink or the airflow where the
device is mounted should be increased. The design's junction-to-air thermal resistance requirement can be estimated
by:
EQ 2-13
θ
JA
= 17.1°C/W is taken from Table 2-12 on page 2-11
TA
= 125°C is the maximum limit of ambient (from the datasheet)
Max. Allowed Power
Max Junction Temp
Max. Ambient Temp
–
θ
JA
------------------------------------------------------------------------------------------------------------
150
°C 125°C
–
17.1
°C/W
----------------------------------------
1.46 W
==
=
TJ = 110°C
TA = 70°C
θ
JA = 18.0°C/W
θ
JC = 3.2 °C/W
P
Max Junction Temp
Max. Ambient Temp
–
θ
JA
------------------------------------------------------------------------------------------------------------
110
°C70°C
–
18.0
°C/W
------------------------------------
2.22 W
==
=
θ
JA
Max Junction Temp
Max. Ambient Temp
–
P
------------------------------------------------------------------------------------------------------------
110
°C70°C
–
3.00 W
------------------------------------
13.33
°C/W
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com