Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 31 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 31 Page - Actel Corporation

Back Button FG256 Datasheet HTML 27Page - Actel Corporation FG256 Datasheet HTML 28Page - Actel Corporation FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
SX-A Family FPGAs
v5.3
2-11
Thermal Characteristics
Introduction
The temperature variable in Actel Designer software refers to the junction temperature, not the ambient, case, or
board temperatures. This is an important distinction because dynamic and static power consumption will cause the
chip's junction to be higher than the ambient, case, or board temperatures. EQ 2-9 and EQ 2-10 give the relationship
between thermal resistance, temperature gradient and power.
EQ 2-9
EQ 2-10
Where:
θ
JA
T
J
T
A
–
P
----------------
=
θ
JA
T
C
T
A
–
P
------------------
=
θ
JA = Junction-to-air thermal resistance
θ
JC = Junction-to-case thermal resistance
TJ
= Junction temperature
TA = Ambient temperature
TC = Ambient temperature
P
= total power dissipated by the device
Table 2-12 • Package Thermal Characteristics
Package Type
Pin
Count
θ
JC
θ
JA
Units
Still Air
1.0 m/s
200 ft./min.
2.5 m/s
500 ft./min.
Thin Quad Flat Pack (TQFP)
100
14
33.5
27.4
25
°C/W
Thin Quad Flat Pack (TQFP)
144
11
33.5
28
25.7
°C/W
Thin Quad Flat Pack (TQFP)
176
11
24.7
19.9
18
°C/W
Plastic Quad Flat Pack (PQFP)1
208
8
26.1
22.5
20.8
°C/W
Plastic Quad Flat Pack (PQFP) with Heat Spreader2
208
3.8
16.2
13.3
11.9
°C/W
Plastic Ball Grid Array (PBGA)
329
3
17.1
13.8
12.8
°C/W
Fine Pitch Ball Grid Array (FBGA)
144
3.8
26.9
22.9
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
256
3.8
26.6
22.8
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
484
3.2
18
14.7
13.6
°C/W
Notes:
1. The A54SX08A PQ208 has no heat spreader.
2. The SX-A PQ208 package has a heat spreader for A54SX16A, A54SX32A, and A54SX72A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com