Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 38 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 38 Page - Actel Corporation

Back Button FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation FG256 Datasheet HTML 36Page - Actel Corporation FG256 Datasheet HTML 37Page - Actel Corporation FG256 Datasheet HTML 38Page - Actel Corporation FG256 Datasheet HTML 39Page - Actel Corporation FG256 Datasheet HTML 40Page - Actel Corporation FG256 Datasheet HTML 41Page - Actel Corporation FG256 Datasheet HTML 42Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
SX-A Family FPGAs
2- 18
v5.3
Timing Characteristics
Table 2-14 • A54SX08A Timing Characteristics
(Worst-Case Commercial Conditions, VCCA = 2.25 V, VCCI = 3.0 V, TJ = 70°C)
Parameter
Description
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max.
Min.
Max.
Min. Max.
C-Cell Propagation Delays1
tPD
Internal Array Module
0.9
1.1
1.2
1.7
ns
Predicted Routing Delays2
tDC
FO = 1 Routing Delay, Direct Connect
0.1
0.1
0.1
0.1
ns
tFC
FO = 1 Routing Delay, Fast Connect
0.3
0.3
0.4
0.6
ns
tRD1
FO = 1 Routing Delay
0.3
0.4
0.5
0.6
ns
tRD2
FO = 2 Routing Delay
0.5
0.5
0.6
0.8
ns
tRD3
FO = 3 Routing Delay
0.6
0.7
0.8
1.1
ns
tRD4
FO = 4 Routing Delay
0.8
0.9
1
1.4
ns
tRD8
FO = 8 Routing Delay
1.4
1.5
1.8
2.5
ns
tRD12
FO = 12 Routing Delay
2
2.2
2.6
3.6
ns
R-Cell Timing
tRCO
Sequential Clock-to-Q
0.7
0.8
0.9
1.3
ns
tCLR
Asynchronous Clear-to-Q
0.6
0.6
0.8
1.0
ns
tPRESET
Asynchronous Preset-to-Q
0.7
0.7
0.9
1.2
ns
tSUD
Flip-Flop Data Input Set-Up
0.7
0.8
0.9
1.2
ns
tHD
Flip-Flop Data Input Hold
0.0
0.0
0.0
0.0
ns
tWASYN
Asynchronous Pulse Width
1.4
1.5
1.8
2.5
ns
tRECASYN
Asynchronous Recovery Time
0.4
0.4
0.5
0.7
ns
tHASYN
Asynchronous Hold Time
0.3
0.3
0.4
0.6
ns
tMPW
Clock Pulse Width
1.6
1.8
2.1
2.9
ns
Input Module Propagation Delays
tINYH
Input Data Pad to Y High 2.5 V LVCMOS
0.8
0.9
1.0
1.4
ns
tINYL
Input Data Pad to Y Low 2.5 V LVCMOS
1.0
1.2
1.4
1.9
ns
tINYH
Input Data Pad to Y High 3.3 V PCI
0.6
0.6
0.7
1.0
ns
tINYL
Input Data Pad to Y Low 3.3 V PCI
0.7
0.8
0.9
1.3
ns
tINYH
Input Data Pad to Y High 3.3 V LVTTL
0.7
0.7
0.9
1.2
ns
tINYL
Input Data Pad to Y Low 3.3 V LVTTL
1.0
1.1
1.3
1.8
ns
Notes:
1. For dual-module macros, use tPD + tRD1 + tPDn , tRCO + tRD1 + tPDn , or tPD1 + tRD1 + tSUD , whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com