Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 61 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 61 Page - Actel Corporation

Back Button FG256 Datasheet HTML 57Page - Actel Corporation FG256 Datasheet HTML 58Page - Actel Corporation FG256 Datasheet HTML 59Page - Actel Corporation FG256 Datasheet HTML 60Page - Actel Corporation FG256 Datasheet HTML 61Page - Actel Corporation FG256 Datasheet HTML 62Page - Actel Corporation FG256 Datasheet HTML 63Page - Actel Corporation FG256 Datasheet HTML 64Page - Actel Corporation FG256 Datasheet HTML 65Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
SX-A Family FPGAs
v5.3
2-41
Table 2-34 • A54SX32A Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 4.75 V, TJ = 70°C)
Parameter
Description
–3 Speed1
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
5 V PCI Output Module Timing2
tDLH
Data-to-Pad Low to High
2.1
2.4
2.8
3.2
4.5
ns
tDHL
Data-to-Pad High to Low
2.8
3.2
3.6
4.2
5.9
ns
tENZL
Enable-to-Pad, Z to L
1.3
1.5
1.7
2.0
2.8
ns
tENZH
Enable-to-Pad, Z to H
2.1
2.4
2.8
3.2
4.5
ns
tENLZ
Enable-to-Pad, L to Z
3.0
3.5
3.9
4.6
6.4
ns
tENHZ
Enable-to-Pad, H to Z
2.8
3.2
3.6
4.2
5.9
ns
dTLH
3
Delta Low to High
0.016
0.016
0.02
0.022
0.032
ns/pF
dTHL
3
Delta High to Low
0.026
0.03
0.032
0.04
0.052
ns/pF
5 V TTL Output Module Timing4
tDLH
Data-to-Pad Low to High
1.9
2.2
2.5
2.9
4.1
ns
tDHL
Data-to-Pad High to Low
2.5
2.9
3.3
3.9
5.4
ns
tDHLS
Data-to-Pad High to Low—low slew
6.6
7.6
8.6
10.1
14.2
ns
tENZL
Enable-to-Pad, Z to L
2.1
2.4
2.7
3.2
4.5
ns
tENZLS
Enable-to-Pad, Z to L—low slew
7.4
8.4
9.5
11.0
15.4
ns
tENZH
Enable-to-Pad, Z to H
1.9
2.2
2.5
2.9
4.1
ns
tENLZ
Enable-to-Pad, L to Z
3.6
4.2
4.7
5.6
7.8
ns
tENHZ
Enable-to-Pad, H to Z
2.5
2.9
3.3
3.9
5.4
ns
dTLH
3
Delta Low to High
0.014
0.017
0.017
0.023
0.031
ns/pF
dTHL
3
Delta High to Low
0.023
0.029
0.031
0.037
0.051
ns/pF
dTHLS
3
Delta High to Low—low slew
0.043
0.046
0.057
0.066
0.089
ns/pF
Notes:
1. All –3 speed grades have been discontinued.
2. Delays based on 50 pF loading.
3. To obtain the slew rate, substitute the appropriate Delta value, load capacitance, and the VCCI value into the following equation:
Slew Rate [V/ns] = (0.1*VCCI – 0.9*VCCI)/ (Cload * dT[LH|HL|HLS])
where Cload is the load capacitance driven by the I/O in pF
dT[LH|HL|HLS] is the worst case delta value from the datasheet in ns/pF.
4. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com