Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 35 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 35 Page - Actel Corporation

Back Button FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation FG256 Datasheet HTML 34Page - Actel Corporation FG256 Datasheet HTML 35Page - Actel Corporation FG256 Datasheet HTML 36Page - Actel Corporation FG256 Datasheet HTML 37Page - Actel Corporation FG256 Datasheet HTML 38Page - Actel Corporation FG256 Datasheet HTML 39Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
SX-A Family FPGAs
v5.3
2-15
Output Buffer Delays
AC Test Loads
Figure 2-4 • Output Buffer Delays
To AC Test Loads (shown below)
PAD
D
E
TRIBUFF
In
GND
50%
Out
1.5 V
50%
1.5 V
En
GND
50%
Out
1.5 V
50%
10%
En
GND
50%
Out
GND
1.5 V
50%
90%
VOL
VOL
V
CC
V
CC
V
CC
V
CC
V
OH
t
ENZH
t
ENHZ
t
ENZL
t
ENLZ
t
DLH
Figure 2-5 • AC Test Loads
35 pF
VCC
GND
35 pF
VCC
GND
5 pF
R to VCC for
t
PZL
R to GND for tPZH
R = 1 k
Ω
R to VCC for
tPZL
R to GND for tPZH
R = 1 k
Ω
To the Output
Under Test
To the Output
Under Test
To the Output
Under Test
Load 1
(Used to measure
propagation delay)
Load 2
(Used to measure enable delays)
Load 3
(Used to measure disable delays)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com