Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 26 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 26 Page - Actel Corporation

Back Button FG256 Datasheet HTML 22Page - Actel Corporation FG256 Datasheet HTML 23Page - Actel Corporation FG256 Datasheet HTML 24Page - Actel Corporation FG256 Datasheet HTML 25Page - Actel Corporation FG256 Datasheet HTML 26Page - Actel Corporation FG256 Datasheet HTML 27Page - Actel Corporation FG256 Datasheet HTML 28Page - Actel Corporation FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
SX-A Family FPGAs
2- 6
v5.3
Table 2-10 • AC Specifications (3.3 V PCI Operation)
Symbol
Parameter
Condition
Min.
Max.
Units
IOH(AC)
Switching Current High
0 < VOUT ≤ 0.3VCCI
1
–12VCCI
–mA
0.3VCCI ≤ VOUT < 0.9VCCI
1
(–17.1(VCCI – VOUT))
–
mA
0.7VCCI < VOUT < VCCI
1, 2
–
EQ 2-3 on
page 2-7
–
(Test Point)
VOUT = 0.7VCC
2
––32VCCI
mA
IOL(AC)
Switching Current Low
VCCI > VOUT ≥ 0.6VCCI
1
16VCCI
–mA
0.6VCCI > VOUT > 0.1VCCI
1
(26.7VOUT)–
mA
0.18VCCI > VOUT > 0
1, 2
–
EQ 2-4 on
page 2-7
–
(Test Point)
VOUT = 0.18VCC
2
–
38VCCI
mA
ICL
Low Clamp Current
–3 < VIN ≤ –1
–25 + (VIN + 1)/0.015
–
mA
ICH
High Clamp Current
VCCI + 4 > VIN ≥ VCCI + 1
25 + (VIN – VCCI – 1)/0.015
–
mA
slewR
Output Rise Slew Rate
0.2VCCI - 0.6VCCI load
3
14
V/ns
slewF
Output Fall Slew Rate
0.6VCCI - 0.2VCCI load
3
14
V/ns
Notes:
1. Refer to the V/I curves in Figure 2-2 on page 2-7. Switching current characteristics for REQ# and GNT# are permitted to be one half
of that specified here; i.e., half size output drivers may be used on these signals. This specification does not apply to CLK and RST#,
which are system outputs. “Switching Current High” specifications are not relevant to SERR#, INTA#, INTB#, INTC#, and INTD#,
which are open drain outputs.
2. Maximum current requirements must be met as drivers pull beyond the last step voltage. Equations defining these maximums (C
and D) are provided with the respective diagrams in Figure 2-2 on page 2-7. The equation defined maximum should be met by
design. In order to facilitate component testing, a maximum current test point is defined for each side of the output driver.
3. This parameter is to be interpreted as the cumulative edge rate across the specified range, rather than the instantaneous rate at any
point within the transition range. The specified load (diagram below) is optional; i.e., the designer may elect to meet this parameter
with an unloaded output per the latest revision of the PCI Local Bus Specification. However, adherence to both maximum and
minimum parameters is required (the maximum is no longer simply a guideline). Rise slew rate does not apply to open drain
outputs.
Output
Buffer
1/2 in. max.
10 pF
Pin
1 k/25
Ω
1 k/25
Ω
Pin
Buffer
Output
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com