Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 29 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 29 Page - Actel Corporation

Back Button FG256 Datasheet HTML 25Page - Actel Corporation FG256 Datasheet HTML 26Page - Actel Corporation FG256 Datasheet HTML 27Page - Actel Corporation FG256 Datasheet HTML 28Page - Actel Corporation FG256 Datasheet HTML 29Page - Actel Corporation FG256 Datasheet HTML 30Page - Actel Corporation FG256 Datasheet HTML 31Page - Actel Corporation FG256 Datasheet HTML 32Page - Actel Corporation FG256 Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
SX-A Family FPGAs
v5.3
2-9
Where:
CEQCM = Equivalent capacitance of combinatorial modules
(C-cells) in pF
CEQSM = Equivalent capacitance of sequential modules (R-Cells) in pF
CEQI = Equivalent capacitance of input buffers in pF
CEQO = Equivalent capacitance of output buffers in pF
CEQCR = Equivalent capacitance of CLKA/B in pF
CEQHV = Variable capacitance of HCLK in pF
CEQHF = Fixed capacitance of HCLK in pF
CL = Output lead capacitance in pF
fm = Average logic module switching rate in MHz
fn = Average input buffer switching rate in MHz
fp = Average output buffer switching rate in MHz
fq1 = Average CLKA rate in MHz
fq2 = Average CLKB rate in MHz
fs1 = Average HCLK rate in MHz
m = Number of logic modules switching at fm
n = Number of input buffers switching at fn
p = Number of output buffers switching at fp
q1 = Number of clock loads on CLKA
q2 = Number of clock loads on CLKB
r1 = Fixed capacitance due to CLKA
r2 = Fixed capacitance due to CLKB
s1 = Number of clock loads on HCLK
x = Number of I/Os at logic low
y = Number of I/Os at logic high
Table 2-11 • CEQ Values for SX-A Devices
A54SX08A
A54SX16A
A54SX32A
A54SX72A
Combinatorial modules (CEQCM)
1.70 pF
2.00 pF
2.00 pF
1.80 pF
Sequential modules (CEQCM)
1.50 pF
1.50 pF
1.30 pF
1.50 pF
Input buffers (CEQI)
1.30 pF
1.30 pF
1.30 pF
1.30 pF
Output buffers (CEQO)
7.40 pF
7.40 pF
7.40 pF
7.40 pF
Routed array clocks (CEQCR)
1.05 pF
1.05 pF
1.05 pF
1.05 pF
Dedicated array clocks – variable
(CEQHV)
0.85 pF
0.85 pF
0.85 pF
0.85 pF
Dedicated array clocks – fixed (CEQHF)
30.00 pF
55.00 pF
110.00 pF
240.00 pF
Routed array clock A (r1)
35.00 pF
50.00 pF
90.00 pF
310.00 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com