Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 105 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 105 Page - Actel Corporation

Back Button FG256 Datasheet HTML 100Page - Actel Corporation FG256 Datasheet HTML 101Page - Actel Corporation FG256 Datasheet HTML 102Page - Actel Corporation FG256 Datasheet HTML 103Page - Actel Corporation FG256 Datasheet HTML 104Page - Actel Corporation FG256 Datasheet HTML 105Page - Actel Corporation FG256 Datasheet HTML 106Page - Actel Corporation FG256 Datasheet HTML 107Page - Actel Corporation FG256 Datasheet HTML 108Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
SX-A Family FPGAs
v5.3
4-1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version Changes in Current Version (v5 . 3)
Page
v5.2
(June 2006)
–3 speed grades have been discontinued.
N/A
The "SX-A Timing Model" was updated with –2 data.
2-14
v5.1
RoHS information was added to the "Ordering Information".
ii
February 2005
The "Programming" section was updated.
1-13
v5.0
Revised Table 1 and the timing data to reflect the phase out of the –3 speed grade for the
A54SX08A device.
i
The "Thermal Characteristics" section was updated.
2-11
The "176-Pin TQFP" was updated to add pins 81 to 90.
3-11
The "484-Pin FBGA" was updated to add pins R4 to Y26
3-26
v4.0
The "Temperature Grade Offering" is new.
1-iii
The "Speed Grade and Temperature Grade Matrix" is new.
1-iii
"SX-A Family Architecture" was updated.
1-1
"Clock Resources" was updated.
1-5
"User Security" was updated.
1-7
"Power-Up/Down and Hot Swapping" was updated.
1-7
"Dedicated Mode" is new
1-9
Table 1-5 is new.
1-9
"JTAG Instructions" is new
1-10
"Design Considerations" was updated.
1-12
The "Programming" section is new.
1-13
"Design Environment" was updated.
1-13
"Pin Description" was updated.
1-15
Table 2-1 was updated.
2-1
Table 2-2 was updated.
2-1
Table 2-3 is new.
2-1
Table 2-4 is new.
2-1
Table 2-5 was updated.
2-2
Table 2-6 was updated.
2-2
"Power Dissipation" is new.
2-8
Table 2-11 was updated.
2-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com