Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 13Page - Texas Instruments LM98714 Datasheet HTML 14Page - Texas Instruments LM98714 Datasheet HTML 15Page - Texas Instruments LM98714 Datasheet HTML 16Page - Texas Instruments LM98714 Datasheet HTML 17Page - Texas Instruments LM98714 Datasheet HTML 18Page - Texas Instruments LM98714 Datasheet HTML 19Page - Texas Instruments LM98714 Datasheet HTML 20Page - Texas Instruments LM98714 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
MODE 2 - TWO CHANNEL INPUT/SYNCHRONOUS PIXEL SAMPLING
Mode 2 is useful for CCD sensors with a Black and White line with Even and Odd pixels. In its default
configuration, Mode 2 samples Even sensor pixels via the Blue Channel Input, and Odd sensor pixels via the
Green Channel Input. The selection of Even/Odd inputs can be changed through the serial interface registers.
Sampling of the Even and Odd inputs is performed synchronously.
Figure 6. Mode 2 Signal Routing
Table 2. Mode 2 Operating Details
Detail
OSG and OSB (Default)
or
Two inputs synchronously processed as Even and Odd
Channels Active
OSR and OSG
Pixels. Channel inputs are configurable.
or
OSB and OSR
Channel Sample Rate
22.5
MSPS per Channel (max)
ADC Sample Rate
45
MSPS (max)
Internal 2x Clock Selected
2:01
fINCLK = 22.5MHz (max)
fADC: fINCLK
Internal 1x Clock Selected
1:01
fINCLK = 45MHz (max)
SH Signal --> Even-Odd-Even-Odd-Even-Odd-Even
→
Output Sequencing
or
SH Signal --> Odd-Even-Odd-Even-Odd-Even-Odd
→
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com