Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 95 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 91Page - Texas Instruments LM98714 Datasheet HTML 92Page - Texas Instruments LM98714 Datasheet HTML 93Page - Texas Instruments LM98714 Datasheet HTML 94Page - Texas Instruments LM98714 Datasheet HTML 95Page - Texas Instruments LM98714 Datasheet HTML 96Page - Texas Instruments LM98714 Datasheet HTML 97Page - Texas Instruments LM98714 Datasheet HTML 98Page - Texas Instruments LM98714 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
These registers set which timing signal is present on the respective CLKn output pin.
Setting CLKn =
0000 Tristate
0001 PIX1
0010 PIX2
[7:4]
CLK
0011 PIX3
9
0100 PIX4
0101 PIX5
Output
0110 PIX6
Mapping
0000
3
0 0100
CLK9/CLK
0000
0111 PIX7
10
1000 PIX8
1001 LAMPR
1010 LAMPG
[3:0]
1011 LAMPB
CLK
1100 LAMPIR1
10
1101 LAMPIR2
1110 MODE
1111 SH
LAMPR Normal State
[7]
0 = Low, 1 = High
LAMPG Normal State
[6]
0 = Low, 1 = High
LAMPB Normal State
[5]
0 = Low, 1 = High
Illumination
Mode (see
LampIR1 Normal State
0000
3
0 0101
also AFE
[4]
0000
0 = Low, 1 = High
color
modes)
LampIR2 Normal State
[3]
0 = Low, 1 = High
[2:1]
Reserved
SH/LAMP Overlap Enable
[0]
0 Disabled
1 Overlap Enabled
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com