Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments LM98714 Datasheet HTML 13Page - Texas Instruments LM98714 Datasheet HTML 14Page - Texas Instruments LM98714 Datasheet HTML 15Page - Texas Instruments LM98714 Datasheet HTML 16Page - Texas Instruments LM98714 Datasheet HTML 17Page - Texas Instruments LM98714 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
System Overview
INTRODUCTION
The LM98714 is a 16-bit, three-input, complete Analog Front End (AFE) for digital color copier and Multi-Function
Peripheral (MFP) applications. The system block diagram of the LM98714, shown in Figure 2 highlights the main
features of the device. Each input has its own Input Bias and Clamping Network which are routed through a
selectable Sample/Hold (S/H) or Correlated Double Sampler (CDS) amplifier. A +/-9-Bit Offset DAC applies
independent offset correction for each channel. A -3 to 17.9dB Programmable Gain Amplifier (PGA) applies
independent gain correction for each channel. The LM98714 also provides independent Digital Black Level
Correction Feedback Loops for each channel. The Black Level Correction Loop can be configured to run in
Manual Mode (where the user inputs their own values of DAC offset) or in Automatic Mode where the LM98714
calculates each channel’s Offset DAC value during optical black pixels and then adjusts the Offset register
accordingly. The signals are routed to a single high performance 16-bit, 45MHz analog-to-digital converter.
MODES OF OPERATION INTRODUCTION
The LM98714 can be configured to operate in several different operating modes. The following sections are a
brief introduction to these modes of operation. A more rigorous explanation of the operating modes is contained
in the Modes of Operation section. including input sampling diagrams for each mode as well as a description of
the operating conditions.
Mode 3 - Three Channel Input/Synchronous Pixel Sampling
OSB, OSG, and OSR inputs are sampled synchronously at a pixel rate. The sampled signals are processed with
each channel’s offset and gain adjusted independently via the control registers. The order in which pixels are
processed from the input to the ADC is fully programmable and is synchronized by the SH pulse. In this mode,
the maximum channel speed is 15MSPS per channel with the ADC running at 45MSPS yielding a three color
throughput of 45MSPS.
Mode 2 - Two Channel Input/Synchronous Pixel Sampling
Mode 2 is useful for CCD sensors with a Black and White mode with Even and Odd outputs. In its default
configuration, Mode 2 samples the Even output via the OSB channel input, and the Odd output via the OSG
channel input. Sampling of the Even and Odd pixels is performed synchronously at a maximum sample rate of
22.5MSPS per input with the ADC running at 45MSPS.
Mode 1a - One Channel Input/One, Two, Three, Four, or Five Color Sequential Line Sampling
In Mode 1a, all pixels are processed through a single input (OSR, OSG, or OSB) chosen through the control
register setup. This mode is useful in applications where only one input channel is used. The selected input is
programmable through the control register. If more than one color is being sent to the input, the user can
configure the OSR channel to utilize up to five offset and gain coefficients for up to five different lines of color
pixels. The SH pulse at the beginning of each line sequences the DAC and PGA coefficients as configured in the
control registers. In this mode, the maximum channel speed is 30MSPS per channel with the ADC running at
30MSPS.
Mode 1b - One Channel Input Per Line/Sequential Line (Input) Sampling/Three Channel Processing
In Mode 1b the OSR, OSG, and OSB inputs are sampled one input per line with the input selection being
sequenced to the next color by an SH pulse. This mode is useful with sensors that output whole lines of pixels of
a single color. The order in which the inputs are sampled is fully programmable. Sequencing from one channel to
the next is triggered by the SH pulse. The first SH pulse after this mode is set (or reset) sets up the first
programmed input for gain and offset and initiates sampling through that input alone. The next SH pulse switches
the active input to the second channel indicated by the configuration registers. This sequencing with SH pulses
continues to the third input and then continuously loops through the inputs. In this mode, the maximum channel
speed is 30MSPS per channel with the ADC running at 30MSPS.
14
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com