Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 19Page - Texas Instruments LM98714 Datasheet HTML 20Page - Texas Instruments LM98714 Datasheet HTML 21Page - Texas Instruments LM98714 Datasheet HTML 22Page - Texas Instruments LM98714 Datasheet HTML 23Page - Texas Instruments LM98714 Datasheet HTML 24Page - Texas Instruments LM98714 Datasheet HTML 25Page - Texas Instruments LM98714 Datasheet HTML 26Page - Texas Instruments LM98714 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
CLAMP
SAMPLE
VCLP
OS
R
or
OS
G
or
OS
B
C
S
HOLD
C
PAR
C
PAR
C
S
SH
OS
X
Optical Black Pixels
Dummy Pixels
Invalid
Pixels
Valid Pixels
SAMPLE
CLPIN
GATED
CLPIN
Auto CLPIN Position Register
Page 0, Reg. 6, Bits[7:0]
Input Clamp Control Register
Page 0, Reg. 5, Bits[3:2]
(Auto CLPIN Width)
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Figure 10. Typical CCD Waveform and LM98714 Input Clamp Signal (CLPIN)
Figure 11. Sample and Hold Mode Simplified Input Diagram
Proper DC biasing of the CCD waveform in Sample and Hold mode is critical for realizing optimal operating
conditions. In Sample/Hold mode, the Signal Level of the CCD waveform is compared to the DC voltage on the
VCLP pin. In order to fully utilize the range of the input circuitry, it is desirable to cause the Black Level signal
voltage to be as close to the VCLP voltage as possible, resulting in a near zero scale output for Black Level
pixels.
In Sample/Hold Mode, the DC bias point of the input pin is typically set by actuating the input clamp switch (see
Figure 9) during optical black pixels which connects the input pins to the VCLP pin DC voltage. The signal
controlling this switch is an auto-generated pulse, CLPIN. CLPIN is generated with a programmable pixel delay
with respect to SH and a programmable pixel width. These parameters are available through the serial interface
control registers.
Actuating the input clamp will force the average value of the CCD waveform to be centered around the VCLP DC
voltage. During Optical Black Pixels, the CCD output has roughly three components. The first component of the
pixel is a “Reset Noise” peak followed by the Reset (or Pedestal) Level voltage, then finally the Black Level
voltage signal. Taking the average of these signal components will result in a final “clamped” DC bias point that
is close to the Black Level signal voltage.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com