Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 72 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 68Page - Texas Instruments LM98714 Datasheet HTML 69Page - Texas Instruments LM98714 Datasheet HTML 70Page - Texas Instruments LM98714 Datasheet HTML 71Page - Texas Instruments LM98714 Datasheet HTML 72Page - Texas Instruments LM98714 Datasheet HTML 73Page - Texas Instruments LM98714 Datasheet HTML 74Page - Texas Instruments LM98714 Datasheet HTML 75Page - Texas Instruments LM98714 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
PAGE 3 REGISTER TABLE - CCD/CIS TIMING GENERATOR CONTROL 2
Table 13.
Register/Bit Description
Address
Register Title (Mnemonic)
Default (Binary)
(Binary)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Note: The active register page is selected by writing the desired value to the page select register 1Fh. This register is mirrored on all register pages.
Page 3
Page Register 1F = 0000 0011
Output Mapping
00000
0000 0000
Output Mapping for CLK1 Pin
Output Mapping for CLK2 Pin
CLK1/CLK2
Output Mapping
00001
0000 0000
Output Mapping for CLK3 Pin
Output Mapping for CLK4 Pin
CLK3/CLK4
Output Mapping
00010
0000 0000
Output Mapping for CLK5 Pin
Output Mapping for CLK6 Pin
CLK5/CLK6
Output Mapping
00011
0000 0000
Output Mapping for CLK7 Pin
Output Mapping for CLK9 Pin
CLK7/CLK8
Output Mapping
00100
0000 0000
Output Mapping for CLK9 Pin
Output Mapping for CLKOUT/CLK10 Pin
CLK9/(CLKOUT/ CLK10)
LAMPR
LAMPG
LAMPB
LampIR1
LampIR2
SH/LAMP
00101
Illumination Mode
0000 0000
Normal
Normal
Normal
Normal
Normal
Reserved
Overlap
State
State
State
State
State
Enable
Red Lamp
Green Lamp
Blue Lamp
IR1 Lamp
IR2 Lamp
00110
Line 1 Lamp Selection
0000 0000
Enable
Enable
Enable
Enable
Enable
Red Lamp
Green Lamp
Blue Lamp
IR1 Lamp
IR2 Lamp
00111
Line 2 Lamp Selection
0000 0000
Enable
Enable
Enable
Enable
Enable
Red Lamp
Green Lamp
Blue Lamp
IR1 Lamp
IR2 Lamp
01000
Line 3 Lamp Selection
0000 0000
Enable
Enable
Enable
Enable
Enable
Red Lamp
Green Lamp
Blue Lamp
IR1 Lamp
IR2 Lamp
01001
Line 4 Lamp Selection
0000 0000
Enable
Enable
Enable
Enable
Enable
Red Lamp
Green Lamp
Blue Lamp
IR1 Lamp
IR2 Lamp
01010
Line 5 Lamp Selection
0000 0000
Enable
Enable
Enable
Enable
Enable
SH_OR
01011
LAMPR On - MSB
0000 0000
Reserved
MSB
Enable
01100
LAMPR On - LSB
0001 0001
LSB
01101
LAMPR Off - MSB
0000 0011
Reserved
MSB
01110
LAMPR Off - LSB
0000 0110
LSB
SH_OR
01111
LAMPG On - MSB
0000 0000
Reserved
MSB
Enable
010000
LAMPG On - LSB
0001 0010
LSB
10001
LAMPG Off - MSB
0000 0011
Reserved
MSB
10010
LAMPG Off - LSB
0000 0000
LSB
72
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com