Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 7Page - Texas Instruments LM98714 Datasheet HTML 8Page - Texas Instruments LM98714 Datasheet HTML 9Page - Texas Instruments LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments LM98714 Datasheet HTML 13Page - Texas Instruments LM98714 Datasheet HTML 14Page - Texas Instruments LM98714 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
Full Channel Performance Specifications
DNL
Differential Non-Linearity
-0.99
0.8/-0.6
2.55
LSB
INL
Integral Non-Linearity
-73
+/-23
78
LSB
-79
dB
Minimum PGA Gain
7.2
LSB RMS
-74
dB
Noise Floor
PGA Gain = 1x
13
30
LSB RMS
-56
dB
Maximum PGA Gain
104
LSB RMS
Mode 3
47
Channel to Channel Crosstalk
LSB
Mode 2
16
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com