Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 98 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 94Page - Texas Instruments LM98714 Datasheet HTML 95Page - Texas Instruments LM98714 Datasheet HTML 96Page - Texas Instruments LM98714 Datasheet HTML 97Page - Texas Instruments LM98714 Datasheet HTML 98Page - Texas Instruments LM98714 Datasheet HTML 99Page - Texas Instruments LM98714 Datasheet HTML 100Page - Texas Instruments LM98714 Datasheet HTML 101Page - Texas Instruments LM98714 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
[7:5]
Reserved. Set to 000
Red Lamp Enable
[4]
0 Red Disabled
1 Red Enabled
Green Lamp Enable
[3]
0 Green Disabled
1 Green Enabled
Line 5
Blue Lamp Enable
0000
3
0 1010
Lamp
0000
[2]
0 Blue Disabled
Selection
1 Blue Enabled
IR1 Lamp Enable
[1]
0 IR1 Disabled
1 IR1 Enabled
IR2 Lamp Enable
[0]
0 IR2 Disabled
1 IR2 Enabled
[7:5]
Reserved. Set to 000
LAMPR SH_OR Enable
[4]
0 No ORing
LAMPR On
0000
3
0 1011
MSB
0000
1 LAMPR uses SH_OR function
LAMPR On Time Most Significant Bits
[3:0]
This selects the pixel count at which the LAMPR output goes high.
LAMPR On Time Least Significant Byte
LAMPR On
0001
3
0 1100
[7:0]
LSB
0001
This selects the pixel count at which the LAMPR output goes high.
[7:4]
Reserved. Set to 0000
LAMPR Off
0000
3
0 1101
LAMPR Off Time Most Significant Bits
MSB
0011
[3:0]
This selects the pixel count at which the LAMPR output goes low.
LAMPR Off Time Least Significant Byte
LAMPR Off
0000
3
0 1110
[7:0]
LSB
0110
This selects the pixel count at which the LAMPR output goes low.
98
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com