Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 79 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 75Page - Texas Instruments LM98714 Datasheet HTML 76Page - Texas Instruments LM98714 Datasheet HTML 77Page - Texas Instruments LM98714 Datasheet HTML 78Page - Texas Instruments LM98714 Datasheet HTML 79Page - Texas Instruments LM98714 Datasheet HTML 80Page - Texas Instruments LM98714 Datasheet HTML 81Page - Texas Instruments LM98714 Datasheet HTML 82Page - Texas Instruments LM98714 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
[7:0]
Main Configuration 4
[7:4]
Not Used
[3]
Upcount Enable
LVDS Test Mode. Activates LVDS test pattern output (when in LVDS output mode only).
000 Normal operation, no test pattern output (Default)
Main
0000
001 Test pattern 1: Alternating pattern between 0x155555 and 0x0AAAAA
0
0 0100
Configurati
0000
010 Test pattern 2: If Upcount Enable Bit set, count from 21h000000 to 21h 1FFFFF
on 4
[2:0]
011 Test pattern 3. Output Static Count value found represented by the three Upcounter Registers found on page
0
Reg 0x14 Bits[4:0] = Count Values 5 MSBs
Reg 0x13 Bits[7:0] = Count Values 8 Middle Bits
Reg 0x12 Bits[7:0] = Count Values 8 LSBs
[7:0]
Input Clamp Control (CLPIN) Configuration Register
[7:4]
Reserved
Auto CLPIN Width. Width in Pixels of the Auto generated CLPIN pulse.
00 4 Pixels (Default)
[3:2]
01 8 Pixels
10 16 Pixels
11 32 Pixels
Input
0000
0
0 0101
Clamp
Auto CLPIN Enable.
0000
Control
0 Auto CLPIN Disabled
[1]
CLPIN Pulse generation Disabled (Default)
1 Auto CLPIN
CLPIN generated internally with a programmable delay from SH
CLPIN Gating Enable.
[0]
0 Auto CLPINGATED not gated by SAMPLE (default)
1 Auto CLPINGATED gated by SAMPLE (= logical and of CLPIN and SAMPLE)
[7:0]
Auto CLPIN Pulse Position Register
Auto
0010
0
0 0110
CLPIN
Auto CLPIN Pulse Position. Number of pixels in which Auto CLPIN pulse is delayed, relative to the falling edge of
0111
[7:0]
Position
SH.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com