Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 4Page - Texas Instruments LM98714 Datasheet HTML 5Page - Texas Instruments LM98714 Datasheet HTML 6Page - Texas Instruments LM98714 Datasheet HTML 7Page - Texas Instruments LM98714 Datasheet HTML 8Page - Texas Instruments LM98714 Datasheet HTML 9Page - Texas Instruments LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
CMOS Digital Input DC Specifications (RESETb, SH_R, SCLK, SENb)
VIH
Logical “1” Input Voltage
2.0
V
VIL
Logical “0” Input Voltage
0.8
V
VIH = VD
RESET
235
nA
IIH
Logical “1” Input Current
SH_R, SCLK
70
μA
SEN
130
nA
VIL = DGND
RESET
70
μA
IIL
Logical “0” Input Current
SH_R, SCLK
235
nA
SEN
70
μA
CMOS Digital Output DC Specifications (SH, CLK1 to CLK10, CMOS Data Outputs)
VOH
Logical “1” Output Voltage
IOUT = -0.5mA
2.95
V
VOL
Logical “0” Output Voltage
IOUT = 1.6mA
0.25
V
VOUT = DGND
16
IOS
Output Short Circuit Current
mA
VOUT= VD
-20
VOUT = DGND
20
IOZ
CMOS Output TRI-STATE Current
nA
VOUT = VD
-25
CMOS Digital Input/Output DC Specifications (SDIO)
IIH
Logical “1” Input Current
VIH = VD
90
nA
IIL
Logical “0” Input Current
VIL = DGND
90
nA
LVDS/CMOS Clock Receiver DC Specifications (INCLK+ and INCLK- Pins)
Differential LVDS Clock
VIHL
100
mV
High Threshold Voltage
RL = 100W, VCM (LVDS Input
Common Mode Voltage)= 1.25V
Differential LVDS Clock
VILL
-100
mV
Low Threshold Voltage
CMOS Clock
VIHC
2.0
V
High Threshold Voltage
INCLK- = DGND
CMOS Clock
VILC
0.8
V
Low Threshold Voltage
IIHL
CMOS Clock Input High Current
280
μA
IILC
CMOS Clock Input Low Current
-150
μA
LVDS Output DC Specifications
VOD
Differential Output Voltage
180
328
450
mV
RL = 100Ω
VOS
LVDS Output Offset Voltage
1.17
1.23
1.3
V
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
7.9
mA
(1)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com