Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 61Page - Texas Instruments LM98714 Datasheet HTML 62Page - Texas Instruments LM98714 Datasheet HTML 63Page - Texas Instruments LM98714 Datasheet HTML 64Page - Texas Instruments LM98714 Datasheet HTML 65Page - Texas Instruments LM98714 Datasheet HTML 66Page - Texas Instruments LM98714 Datasheet HTML 67Page - Texas Instruments LM98714 Datasheet HTML 68Page - Texas Instruments LM98714 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Configuration Registers
The LM98714 operation is very flexible to support a wide variety of sensors and system designs. This flexibility is
controlled through configuration registers which are first summarized, then described in full in the following
tables. Because the serial interface only allows 5 address bits, a register paging system is used to support the
larger number of required registers.
A page register is present at the highest address (1Fh or 11111b). The power on default setting of the page
register is 00. Writing other values to this register allows the other pages to be accessed. The page register is
mirrored, and is accessible at the highest address on each page.
Figure 64 shows the proper sequence of operation for the LM98714.
Figure 64. LM98714 Proper Sequence of Operation
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com