Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 25Page - Texas Instruments LM98714 Datasheet HTML 26Page - Texas Instruments LM98714 Datasheet HTML 27Page - Texas Instruments LM98714 Datasheet HTML 28Page - Texas Instruments LM98714 Datasheet HTML 29Page - Texas Instruments LM98714 Datasheet HTML 30Page - Texas Instruments LM98714 Datasheet HTML 31Page - Texas Instruments LM98714 Datasheet HTML 32Page - Texas Instruments LM98714 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
INCLK (Pixel Rate)
φ1A output from LM98714
CCD Timing generator
φ1A input at CCD
(after inverter)
Pixel output from CCD
The LM98714 internal clock tree creates a small amount of
delay in the CCD Timing generator outputs.
Application board discrete logic also creates propagation delay
with respect to the input clock.
Finally, the CCD propagation delay further shifts the Pixel
signal input to the LM98714 from the input clock.
PIXPHASE0
(default “coarse’ pixel phase)
CLAMP
(internal pixel reference
level sampling clock)
SAMPLE
(internal pixel data level
sampling clock)
Default CLAMP fine
adjust window
Default CLAMP fine
adjust window
Default SAMPLE
fine adjust window
Maximum fine adjust
not good enough for
default PIXPHASE,
CLAMP and SAMPLE
are too early due to
propagation delays.
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
In a real system however, propagation delays exist in all stages of the signal chain. These propagation delays
will lead to a shift in the CCD Pixel outputs with respect to the LM98714 input clock. The phase shift of the CCD
Pixel output, demonstrated in Figure 18, can lead to significant sample timing issues if not properly corrected.
Figure 18. CCD Output Phase Shift in a Real Application
In the default mode, the LM98714 sampling is performed during a clock period whose phase is aligned with the
input clock (ignoring any clock tree skew for the moment). The actual sampling clocks are adjustable within the
clock period, as shown in Figure 18 (shown for CDS mode in the diagram) and further described in the Internal
Sample Timing section. As shown in the diagram, the delay of the CCD Pixel output is shifted far enough that the
fine CLAMP and SAMPLE clocks cannot be placed in a stable portion of the waveform. To remedy this situation,
the LM98714’s Coarse Pixel Phase Alignment feature allows the designer to shift the entire phase of the analog
front end with respect to the input clock. This allows the designer to choose one of four sampling phases which
best matches the delay in the external circuitry. Once the “Coarse Pixel Phase” has been chosen, the designer
can then fine tune the sampling clocks using the fine adjustment (see Internal Sample Timing)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com