Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 24Page - Texas Instruments LM98714 Datasheet HTML 25Page - Texas Instruments LM98714 Datasheet HTML 26Page - Texas Instruments LM98714 Datasheet HTML 27Page - Texas Instruments LM98714 Datasheet HTML 28Page - Texas Instruments LM98714 Datasheet HTML 29Page - Texas Instruments LM98714 Datasheet HTML 30Page - Texas Instruments LM98714 Datasheet HTML 31Page - Texas Instruments LM98714 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
INCLK (Pixel Rate)
φ1A output from LM98714
CCD Timing generator
φ1A input at CCD
(after inverter)
Pixel output from CCD
By default, the LM98714's internal sampling clocks (CLAMP and SAMPLE) are adjustable
within PIXPHASE0, an internal pixel rate clock which is in phase with the input clock.
In an ideal application, the LM98714 CCD Timing generator outputs would be phase aligned
with the input clock;
the output of discrete logic on the application board would have no signal skew or delay;
and the CCD pixel output would have no delay with respect to
its input clock.
PIXPHASE0
(default “coarse’ pixel phase)
CLAMP
(internal pixel reference
level sampling clock)
SAMPLE
(internal pixel data level
sampling clock)
CLAMP and SAMPLE fine adjust window
Ideal CCD reference
level sample point
Ideal CCD data level
sample point
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
In an ideal application, depicted in Figure 17, the Pixel output signal would be in phase with the timing signals
that drove the CCD. The LM98714 input sampling clocks (CLAMP and SAMPLE) are adjustable within a pixel
period. By default, the pixel period (or pixel “phase”) is defined to be in line with the input clock. As shown in the
ideal case in Figure 17, CLAMP and SAMPLE can be properly adjusted to their ideal positions within the pixel
phase, shown below at the stable region near the end of the pedestal and data phases.
Figure 17. Clock Alignment in an Ideal Application
28
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com