Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 89 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 85Page - Texas Instruments LM98714 Datasheet HTML 86Page - Texas Instruments LM98714 Datasheet HTML 87Page - Texas Instruments LM98714 Datasheet HTML 88Page - Texas Instruments LM98714 Datasheet HTML 89Page - Texas Instruments LM98714 Datasheet HTML 90Page - Texas Instruments LM98714 Datasheet HTML 91Page - Texas Instruments LM98714 Datasheet HTML 92Page - Texas Instruments LM98714 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
PIX8 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX8.
[7]
0 Disabled. PIX generator functions as normal.
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX7 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX7.
[6]
0 Disabled. PIX generator functions as normal.
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX6 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX6.
[5]
0 Disabled. PIX generator functions as normal.
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX5 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX5.
0 Disabled. PIX generator functions as normal.
[4]
1 Enabled. PIX generates a single clock per line for Line Clamp function.
Line Clamp
0000
2
0 0110
Enable
0000
PIX4 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX4.
0 Disabled. PIX generator functions as normal.
[3]
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX3 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX3.
0 Disabled. PIX generator functions as normal.
[2]
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX2 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX2.
0 Disabled. PIX generator functions as normal.
[1]
1 Enabled. PIX generates a single clock per line for Line Clamp function.
PIX1 Line Clamp Enable. Enables single Line Clamp pulse per line from PIX1.
0 Disabled. PIX generator functions as normal.
[0]
1 Enabled. PIX generates a single clock per line for Line Clamp function.
[7]
Reserved. Set to 0.
0000
2
0 0111
PIX1 Start
[6:0]
PIX1 on point. Defines when the PIX1 signal turns on within the pixel period. Can be set to any available edge
0000
within the pixel period. (For 1/2 frequency signals, the count can be any available edge within 2 pixel periods)
[7]
Reserved. Set to 0.
0001
2
0 1000
PIX1 End
[6:0]
PIX1 off point. Defines when the PIX1 signal turns off within the pixel period. Can be set to any available edge
0101
within the pixel period. (For 1/2 frequency signals, the count can be any available edge within 2 pixel periods)
[7]
Reserved. Set to 0.
0000
2
0 1010
PIX2 Start
[6:0]
PIX2 on point. Defines when the PIX2 signal turns on within the pixel period. Can be set to any available edge
0000
within the pixel period. (For 1/2 frequency signals, the count can be any available edge within 2 pixel periods)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com