Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments LM98714 Datasheet HTML 13Page - Texas Instruments LM98714 Datasheet HTML 14Page - Texas Instruments LM98714 Datasheet HTML 15Page - Texas Instruments LM98714 Datasheet HTML 16Page - Texas Instruments LM98714 Datasheet HTML 17Page - Texas Instruments LM98714 Datasheet HTML 18Page - Texas Instruments LM98714 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
INPUT CLOCK INTRODUCTION
The clock input to the LM98714 can be a differential LVDS clock on the INCLK+ and INCLK- pins or a CMOS
level clock applied to the INCLK+ pin with the INCLK- pin connected to DGND. The external clock signal format
is auto sensed internally. In addition to the two available level formats, the input clock can be applied at the Pixel
frequency (PIXCLK) or at the ADC frequency (ADCCLK). The LM98714 can perform internal clock multiplication
when a Pixel frequency clock is applied, or no multiplication when an ADC frequency clock is applied. The
internal configuration registers need to be written to perform the proper setup of the input clock. The available
input clock configurations for each operating mode is outlined in the following table.
Internal
INCLK
AFE Mode
Input Clock Type
Configuration Register Settings
Multiplier
Max Freq.
INCLK = Pixel Freq. (PIXCLK)
3x
15MHz
PIXCLK Configuration: Main Config Reg 1, Bit[2] = 1'b1
Mode 3
INCLK = ADC Freq. (ADCCLK)
1x
45MHz
ADCCLK Configuration: Main Config Reg 1, Bit[2] = 1'b0
INCLK = Pixel Freq. (PIXCLK)
2x
22.5MHz
PIXCLK Configuration: Main Config Reg 1, Bit[2] = 1'b1
Mode 2
INCLK = ADC Freq. (ADCCLK)
1x
45MHz
ADCCLK Configuration: Main Config Reg 1, Bit[2] = 1'b0
INCLK = Pixel Freq. = ADC Freq
Mode 1
1x
30MHz
Main Config Reg 1, Bit[2] = 1'bx
(ADCCLK = PIXCLK in Mode 1)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com