Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 74 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 70Page - Texas Instruments LM98714 Datasheet HTML 71Page - Texas Instruments LM98714 Datasheet HTML 72Page - Texas Instruments LM98714 Datasheet HTML 73Page - Texas Instruments LM98714 Datasheet HTML 74Page - Texas Instruments LM98714 Datasheet HTML 75Page - Texas Instruments LM98714 Datasheet HTML 76Page - Texas Instruments LM98714 Datasheet HTML 77Page - Texas Instruments LM98714 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
PAGE 4 REGISTER TABLE - CCD/CIS TIMING GENERATOR CONTROL 3
Table 14.
Register/Bit Description
Address
Register Title (Mnemonic)
Default (Binary)
(Binary)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Note: The active register page is selected by writing the desired value to the page select register 1Fh. This register is mirrored on all register pages.
Page 4
Page Register 1F = 0000 0100
00000
Mode On - MSB
0000 0010
Reserved
MSB
00001
Mode On - LSB
0000 0000
LSB
00010
Mode Off - MSB
0000 0011
Reserved
MSB
00011
Mode Off - LSB
0000 0001
LSB
00100
Optical Black Pixels Start
0000 0000
MSB
LSB
00101
Optical Black Pixels End
0000 0000
MSB
LSB
00110
Start of Valid Pixels - MSB
0000 0000
Reserved
MSB
00111
Start of Valid Pixels - LSB
0000 0001
LSB
01000
End of Valid Pixels - MSB
0011 1111
Reserved
MSB
01001
End of Valid Pixels - LSB
1111 1110
LSB
01010
Line End - MSB
0011 1111
Reserved
MSB
01011
Line End - LSB
1111 1111
LSB
01100
Sample Timing Monitor 1
1111 1111
01101
Sample Timing Monitor 2
1111 1111
01110
Sample Timing Monitor 3
1111 1111
01111
SH2/SH3 Control
0000 0000
SH3 Select
SH2 Select
10000
PIX OR/NOR Control 1
0000 0000
10001
PIX OR/NOR Control 2
0000 0000
11111
Page Register
0000 0000
Reserved (program all zeros)
LSB+2
LSB+1
LSB
74
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com