Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 Datasheet(HTML) 78 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 74Page - Texas Instruments LM98714 Datasheet HTML 75Page - Texas Instruments LM98714 Datasheet HTML 76Page - Texas Instruments LM98714 Datasheet HTML 77Page - Texas Instruments LM98714 Datasheet HTML 78Page - Texas Instruments LM98714 Datasheet HTML 79Page - Texas Instruments LM98714 Datasheet HTML 80Page - Texas Instruments LM98714 Datasheet HTML 81Page - Texas Instruments LM98714 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
Table 16. (continued)
Address
Register
Default
Page
Bit(s)
Description
(Binary)
Title
(Binary)
[7:0]
Main Configuration 2
[7:6]
Not Used
[5]
Active/Standby
Gain Mode Select. Selects either a 1x or 2x gain mode in the CDS/Sample/Hold Block.
[4]
0 1x Gain in the CDS/Sample/Hold Block (Default)
1 2x Gain in the CDS/Sample/Hold Block
Output Enable. Enables the Data Output pins.
Main
[3]
0 Disabled (Default)
0000
0
0 0010
Configurati
0000
1 Enable
on 2
Powerdown
[2]
0 Device fully powered (Default)
1 Powerdown. Power down of major analog blocks
[1]
Software Reset. Performs a system reset when set to a 1. Self clearing.
Start Scan (BOS)
[0]
0 Ready (Default)
1 Start Scan. Control bit is self clearing
[7:0]
Main Configuration 3
[7:4]
Not Used
Processing Channel Override. Used in Mode 1 to determine the analog processing path for the selected inputs.
Main
0000
0
0 0011
Configurati
[3]
0 Multiplex all selected inputs into the Red Channel analog path (Default)
0111
on 3
1 Process each selected input thru its respective analog path
Reserved
[2:0]
Set to 111
78
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com