Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 219 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 215Page - STMicroelectronics UM0434 Datasheet HTML 216Page - STMicroelectronics UM0434 Datasheet HTML 217Page - STMicroelectronics UM0434 Datasheet HTML 218Page - STMicroelectronics UM0434 Datasheet HTML 219Page - STMicroelectronics UM0434 Datasheet HTML 220Page - STMicroelectronics UM0434 Datasheet HTML 221Page - STMicroelectronics UM0434 Datasheet HTML 222Page - STMicroelectronics UM0434 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 390 page
background image
Instruction pipeline and execution timing
UM0434
220/391
Figure 30 below, shows timing for interrupt recognition and exception processing overhead.
This example shows best-case response timing when an interrupt is received and
processed during execution of a multicycle interruptible instruction.
Figure 30.
Interrupt recog. & handler instruction exe-multi-cycle instruction abort
8.7
Instruction timings
Table shows instruction timing for various instruction classes. Pipelined instructions are
shown with cycles of total latency and throughput. Divide instructions are not pipelined and
block other instructions from executing during divide execution.
Load/store multiple instruction cycles are represented as a fixed number of cycles plus a
variable number of cycles where ‘n’ is the number of words accessed by the instruction.
Additionally, cycle times marked with an ampersand (&) require additional cycles due to
serialization.
Time Slot
Next Instruction
IFETCH
EXE
Abort
DEC
--
--
Multi-Cycle
Interruptible
IFETCH
Abort
--
DEC
--
1234567
89
10
p_extint_b
Final Sample Point
p_iack
IFETCH
EXE
WB
DEC
First Instruction of handler
ec_excp_detected*
oldpc_->srr0*
oldmsr_->srr1*
update_esr*
update_msr*
* Internal Operations
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com