Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 387 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 387 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics UM0434 Datasheet HTML 386Page - STMicroelectronics UM0434 Datasheet HTML 387Page - STMicroelectronics UM0434 Datasheet HTML 388Page - STMicroelectronics UM0434 Datasheet HTML 389Page - STMicroelectronics UM0434 Datasheet HTML 390Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 387 / 390 page
background image
Glossary
UM0434
388/391
Snooping. Monitoring addresses driven by a bus master to detect the need for coherency
actions.
Snoop push. Response to a snooped transaction that hits a modified cache block. The
cache block is written to memory and made available to the snooping device.
Split-transaction. A transaction with independent request and response tenures.
Split-transaction bus. A bus that allows address and data transactions from different
processors to occur independently.
Stage. The term
stage is used in two different senses, depending on whether the pipeline is
being discussed as a physical entity or a sequence of events. In the latter case, a stage is an
element in the pipeline during which certain actions are performed, such as decoding the
instruction, performing an arithmetic operation, or writing back the results. Typically, the
latency of a stage is one processor clock cycle. Some events, such as dispatch, write-back,
and completion, happen instantaneously and may be thought to occur at the end of a stage.
An instruction can spend multiple cycles in one stage. An integer multiply, for example, takes
multiple cycles in the execute stage. When this occurs, subsequent instructions may stall.
An instruction may also occupy more than one stage simultaneously, especially in the sense
that a stage can be seen as a physical resource—for example, when instructions are
dispatched they are assigned a place in the CQ at the same time they are passed to the
execute stage. They can be said to occupy both the complete and execute stages in the
same clock cycle.
Stall. An occurrence when an instruction cannot proceed to the next stage.
Static branch prediction. Mechanism by which software (for example, compilers) can hint
to the machine hardware about the direction a branch is likely to take.
Store Queue. Holds store operations that have not been committed to memory, resulting
from completed or retired instructions.
Superscalar. A superscalar processor is one that can dispatch multiple instructions
concurrently from a conventional linear instruction stream. In a superscalar implementation,
multiple instructions can be in the same stage at the same time.
Supervisor mode. The privileged operation state of a processor. In supervisor mode,
software, typically the operating system, can access all control registers and can access the
supervisor memory space, among other privileged operations.
Synchronization. A process to ensure that operations occur strictly
in order. See Context
synchronization and Execution synchronization.
Synchronous interrupt. An
interrupt that is generated by the execution of a particular
instruction or instruction sequence. There are two types of synchronous interrupts,
precise
and
imprecise.
System memory. The physical memory available to a processor.
T
TLB (translation lookaside buffer). A cache that holds recently-used
page table entries.
Throughput. The number of instructions that are processed per clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com