Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 384 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 384 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 380Page - STMicroelectronics UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics UM0434 Datasheet HTML 386Page - STMicroelectronics UM0434 Datasheet HTML 387Page - STMicroelectronics UM0434 Datasheet HTML 388Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 390 page
background image
UM0434
Glossary
385/391
M
Mantissa. The decimal part of a logarithm.
Memory access ordering. The specific order in which the processor performs load and
store memory accesses and the order in which those accesses complete.
Memory-mapped accesses. Accesses whose addresses use the page or block address
translation mechanisms provided by the MMU and that occur externally with the bus
protocol defined for memory.
Memory coherency. An aspect of caching in which it is ensured that an accurate view of
memory is provided to all devices that share system memory.
Memory consistency. Refers to agreement of levels of memory with respect to a single
processor and system memory (for example, on-chip cache, secondary cache, and system
memory).
Memory management unit (MMU). The functional unit that is capable of translating an
effective (logical) address to a physical address, providing protection mechanisms, and
defining caching methods.
Most-significant bit (msb). The highest-order bit in an address, registers, data element, or
instruction encoding.
Most-significant byte (MSB). The highest-order byte in an address, registers, data
element, or instruction encoding.
N
NaN. An abbreviation for not a number; a symbolic entity encoded in floating-point format.
There are two types of NaNs—signaling NaNs and quiet NaNs.
No-op. No-operation. A single-cycle operation that does not affect registers or generate bus
activity.
Normalization. A process by which a floating-point value is manipulated such that it can be
represented in the format for the appropriate precision (single- or double-precision). For a
floating-point value to be representable in the single- or double-precision format, the leading
implied bit must be a 1.
O
Optional. A feature, such as an instruction, a register, or an interrupt, that is defined by the
PowerPC architecture but not required to be implemented.
Out-of-order. An aspect of an operation that allows it to be performed ahead of one that
may have preceded it in the sequential model, for example, speculative operations. An
operation is said to be performed out-of-order if, at the time that it is performed, it is not
known to be required by the sequential execution model. See
In-order.
Out-of-order execution. A technique that allows instructions to be issued and completed
in an order that differs from their sequence in the instruction stream.
Overflow. An condition that occurs during arithmetic operations when the result cannot be
stored accurately in the destination register(s). For example, if two 32-bit numbers are
multiplied, the result may not be representable in 32 bits. Because 32-bit registers cannot
represent this sum, an overflow condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com