| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 383 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 383 Page - STMicroelectronics |
|
383 / 390 page ![]() Glossary UM0434 384/391 addition, for 32-bit implementations, instructions that are defined only for 64-bit implementations are considered to be illegal instructions. For 64-bit implementations instructions that are defined only for 32-bit implementations are considered to be illegal instructions. Implementation. A particular processor that conforms to the PowerPC architecture, but may differ from other architecture-compliant implementations for example in design, feature set, and implementation of optional features. The PowerPC architecture has many different implementations. Imprecise interrupt. A type of synchronous interrupt that is allowed not to adhere to the precise interrupt model (see Precise interrupt). The PowerPC architecture allows only floating-point exceptions to be handled imprecisely. Instruction queue. A holding place for instructions fetched from the current instruction stream. Integer unit. The functional unit in the processor responsible for executing all integer instructions. In-order. An aspect of an operation that adheres to a sequential model. An operation is said to be performed in-order if, at the time that it is performed, it is known to be required by the sequential execution model. See Out-of-order. Instruction latency. The total number of clock cycles necessary to execute an instruction and make ready the results of that instruction. Interrupt. A condition encountered by the processor that requires special, supervisor-level processing. Interrupt handler. A software routine that executes when an interrupt is taken. Normally, the interrupt handler corrects the condition that caused the interrupt, or performs some other meaningful task (that may include aborting the program that caused the interrupt). K Kill. An operation that causes a cache block to be invalidated without writing any modified data to memory. L Latency. The number of clock cycles necessary to execute an instruction and make ready the results of that execution for a subsequent instruction. L2 cache. See Secondary cache. Least-significant bit (lsb). The bit of least value in an address, register, field, data element, or instruction encoding. Least-significant byte (LSB). The byte of least value in an address, register, data element, or instruction encoding. Little-endian. A byte-ordering method in memory where the address n of a word corresponds to the least-significant byte. In an addressed memory word, the bytes are ordered (left to right) 3, 2, 1, 0, with 3 being the most-significant byte. See Big-endian. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |