Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 379 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 379 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics UM0434 Datasheet HTML 377Page - STMicroelectronics UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics UM0434 Datasheet HTML 380Page - STMicroelectronics UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 390 page
background image
Nexus3 module
UM0434
380/391
12.15.3
JTAG sequence for write access of Memory-Mapped resources
Table 283 shows the JTAG sequence for write-accessing memory-mapped resources.
3
13
Nexus command = write to read/write control/status register (RWCS)
4
37
Write RWCS (initialize read access mode and CNT value–data input on TDI)
5
—
Wait for falling edge of
nex_rdy_b pin
6
13
Nexus command = read read/write access data register (RWD)
7
37
Read RWD (data output on TDO)
8
—
If CNT > 0, go back to Step 5
Table 282.
Accessing memory-mapped resources (reads) (continued)
Step
TCLK clocks
Description
Table 283.
Accessing memory-mapped resources (writes)
Step
TCLK clocks
Description
1
13
Nexus command = write to read/write access control/status register (RWCS)
2
37
Write RWCS (initialize write access mode and CNT value–data input on TDI)
3
13
Nexus command = write to read/write address register (RWA)
4
37
Write RWA (initialize starting write address–data input on TDI)
5
13
Nexus command = read read/write access data register (RWD)
6
37
Write RWD (data output on TDO)
7
—
Wait for falling edge of
nex_rdy_b pin
8
—
If CNT > 0, go back to Step #5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com