Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 378 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 378 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics UM0434 Datasheet HTML 377Page - STMicroelectronics UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics UM0434 Datasheet HTML 380Page - STMicroelectronics UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 390 page
background image
UM0434
Nexus3 module
379/391
T0, A0 and S0 are the least significant bits, where Tx = TCODE number (fixed); Sx = source processor (fixed); Zx = data size
(fixed); Ax = unique portion of address (variable); Dx = Write data (variable-8,16 or 32-bit).
12.15
IEEE 1149.1 (JTAG) RD/WR sequences
This section contains examples of JTAG/OnCE sequences used to access resources.
12.15.1
JTAG sequence for accessing internal nexus registers
Table 281 shows the JTAG/OnCE sequence for accessing internal Nexus3 registers.
12.15.2
JTAG sequence for read access of Memory-Mapped resources
Table 282 shows the JTAG sequence for read-accessing memory-mapped resources.
1
S1
S0
T5T4T3
T2T1T0
0
0
Start message
2
A2
A1
A0
Z2
Z1
Z0
S3
S2
0
1
End packet
3
D7D6
D5D4D3
D2D1D0
1
1
End packet/end message
Table 280.
Data write message example (8 MDO/2 MSEO) (continued)
Clock
nex_mdo[7:0]
nex_mseo_b[1:0]
State
Table 281.
Accessing internal Nexus3 registers through JTAG/OnCE
Step
TMS pin
Description
1
1
IDLE—SELECT–DR_SCAN
2
0
SELECT–DR_SCAN—CAPTURE-DR (Nexus command register value loaded in shifter)
3
0
CAPTURE-DR—SHIFT-DR
40
(7) TCK clocks issued to shift in direction (RD/WR) bit and first 6 bits of Nexus register
address
5
1
SHIFT-DR—EXIT1–DR (7th bit of Nexus reg. shifted in)
6
1
EXIT1-DR—UPDATE-DR (Nexus shifter is transferred to Nexus command register)
7
1
UPDATE-DR—SELECT-DR_SCAN
8
0
SELECT-DR_SCAN—CAPTURE-DR (Register value is transferred to Nexus shifter)
9
0
CAPTURE-DR—SHIFT-DR
10
0
(31) TCK clocks issued to transfer register value to TDO pin while shifting in TDI value
11
1
SHIFT-DR—EXIT1–DR (MSB of value is shifted in/out of shifter)
12
1
EXIT1-DR—UPDATE–DR (if access is write, shifter is transferred to register)
13
0
UPDATE-DR—RUN-TEST/IDLE (transfer complete–Nexus controller to register select
state)
Table 282.
Accessing memory-mapped resources (reads)
Step
TCLK clocks
Description
1
13
Nexus command = write to read/write access address register (RWA)
2
37
Write RWA (initialize starting read address–data input on TDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com