| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 374 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 374 Page - STMicroelectronics |
|
374 / 390 page ![]() UM0434 Nexus3 module 375/391 Figure 83. Dual-Pin MSEO transfers The dual-pin MSEO option is more robust than the single-pin option. Termination of the current message may immediately be followed by the start of the next message on consecutive clocks. An extra clock to end the message is not necessary as with the one MSEO pin option. The dual-pin option also allows for consecutive end packet states. This can be an advantage when small, variable sized packets are transferred. Note: The end message state may also indicate the end of a variable-length packet as well as the end of the message when using the dual-pin option. 12.12 Rules for output messages e200z3-based class 3–compliant embedded processors must provide messages through the auxiliary port in a consistent manner as described below: ● A variable-length packet within a message must end on a port boundary. ● A variable-length packet may start within a port boundary only when following a fixed- length packet. If two variable-length packets end and start on the same clock, it is impossible to know which bit is from the last packet and which bit is from the next packet. ● Whenever a variable-length packet is sized such that it does not end on a port boundary, it is necessary to extend and zero-fill the remaining bits after the highest order bit so that it can end on a port boundary. Normal Transfer End Message nex_mseo_b[1:0]=11 nex_mseo_b[1:0]=11 nex_mseo_b[1:0]=00 nex_mseo_b[1:0]=00 nex_mseo_b[1:0]=01 ne x_ ms eo _b [1: 0]= 01 nex_mseo_b[1:0]=00 nex_mseo_b[1:0]=00 nex_mseo_b[1:0]=00 nex_mseo_b[1:0]=11 nex_mseo_b[1:0]=01 End Packet nex _ms eo_ b[1 :0]= 11 nex_mseo_b[1:0]=11 nex_mseo_b[1:0]=10 Start Message nex_mseo_b[1:0]=10 nex_mseo_b[1:0]=10 nex_mseo_b[1:0]=01 nex_mseo_b[1:0]=01 Idle MDO: Invalid |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |