Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 370 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 370 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 366Page - STMicroelectronics UM0434 Datasheet HTML 367Page - STMicroelectronics UM0434 Datasheet HTML 368Page - STMicroelectronics UM0434 Datasheet HTML 369Page - STMicroelectronics UM0434 Datasheet HTML 370Page - STMicroelectronics UM0434 Datasheet HTML 371Page - STMicroelectronics UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 390 page
background image
UM0434
Nexus3 module
371/391
12.10.7
Error handling
The Nexus3 module handles various error conditions as described in the following sections.
AHB Read/Write error
All address and data errors that occur on read/write accesses to the e200z3 AHB system
bus return a transfer error encoding on the
p_hresp[1:0] signals. If this occurs, the following
steps are taken:
1.
The access is terminated without retrying, and RWCS[AC] is cleared.
2.
RWCS[ERR] is set.
3.
The error message is sent, TCODE = 8, indicating read/write error.
Access termination
The following cases are defined for sequences of the read/write protocol that differ from
those described in the above sections.
1.
If RWCS[AC] is set to start read/write accesses and invalid values are loaded into RWD
or RWA, an AHB access error may occur. This is handled as described above.
2.
If a block access is in progress, all cycles are not completed, and the RWCS register is
written. The original block access is terminated at the boundary of the nearest
completed access.
a)
If RWCS[AC] is set, the next read/write access begins and the RWD can be
writtento/read from.
b)
If RWCS[AC] is cleared, the read/write access is terminated at the nearest
completed access. This method can be used to break block accesses or terminate
them early.
Read/Write access error message
The read/write access error message is sent out when an AHB system bus access error,
read or write, has occurred.
Error information is messaged out in the format shown in
Table 269:
12.11
Nexus3 pin interface
This section details the Nexus3 pins and pin protocol.
The Nexus3 pin interface provides the function of transmitting messages from the message
queue to the external tools. It is also responsible for handshaking with the message queue.
12.11.1
Pins implemented
The Nexus3 module implements one
nex_evti_b and either one nex_mseo_b or two
nex_mseo_b[1:0]. It also implements a configurable number of nex_mdo[n:0] pins,
Table 269.
Error message format
(5 bits)
(4 bits)
(6 bits)
Error Code (00011)
Source Process
TCODE (001000)
Fixed length = 15 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com