Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 372 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 372 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 368Page - STMicroelectronics UM0434 Datasheet HTML 369Page - STMicroelectronics UM0434 Datasheet HTML 370Page - STMicroelectronics UM0434 Datasheet HTML 371Page - STMicroelectronics UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 390 page
background image
UM0434
Nexus3 module
373/391
The Nexus auxiliary port arbitration pins are used when the Nexus3 module is implemented
in a multiple Nexus SoC that shares a single auxiliary output port. The arbitration is
controlled by an SoC-level Nexus port control module (NPC). Refer to
Chapter 12.13:
Auxiliary port arbitration on page 376,” for details on Nexus port arbitration.
12.11.2
Pin protocol
The protocol for the e200z3 processor transmitting messages through the auxiliary pins is
accomplished with the MSEO pin function outlined in
Table 273. Both single- and dual-pin
cases are shown.
nex_mseo_b[1:0] is used to signal the end of variable-length packets, and not fixed length
packets.
nex_mseo_b[1:0] is sampled on the rising edge of the Nexus3 clock, nex_mcko.
nex_evto_b
O
Event out. An output whose assertion indicates that one of two events
has occurred based on the bits in DC1[EOC].
nex_evto_b is held
asserted for 1 cycle of
nex_mcko:
– One (or more) watchpoints has occurred (from Nexus1) and
EOC = 00
– Debug mode was entered (
jd_debug_b asserted from Nexus1) and
EOC = 01
nex_evti_b
I
Event in. An input whose assertion initiates one of two events based
on DC1[EIC] (if the Nexus module is enabled at reset):
– Program trace and data trace synchronization messages (provided
program trace and data trace are enabled and EIC = 00).
– Debug request to e200z3 Nexus1 module (provided EIC = 01 and
this feature is implemented).
Table 272.
Nexus port arbitration signals
Nexus Port
Arbitration pins
Input/
Output
Description of arbitration pins
nex_aux_req[1:0]
O
Nexus auxiliary request. Output signals indicating to an SoC level
Nexus arbiter a request for access to the shared Nexus auxiliary port in
a multiple Nexus implementation. The priority encodings are
determined by how many messages are currently in the message
queues, see
Table 274).
nex_aux_busy
O
Nexus auxiliary busy. An output signal to an SoC level Nexus arbiter
indicating that the Nexus3 module is currently transmitting its message
after being granted the Nexus auxiliary port.
npc_aux_grant
I
Nexus auxiliary grant. An input from the SoC level Nexus port
controller (NPC) indicating that the auxiliary port has been granted to
the Nexus3 module to transmit its message.
ext_multi_nex_sel
I
Multiple Nexus select. A static signal indicating that the Nexus3
module is implemented within a multiple Nexus environment. If set,
port control and arbitration is controlled by the SoC-level arbitration
module (NPC).
Table 271.
Nexus3 auxiliary pins (continued)
Auxiliary pin
I/O
Description of auxiliary pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com