Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 373 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 373 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 369Page - STMicroelectronics UM0434 Datasheet HTML 370Page - STMicroelectronics UM0434 Datasheet HTML 371Page - STMicroelectronics UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics UM0434 Datasheet HTML 377Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 390 page
background image
Nexus3 module
UM0434
374/391
Figure 82.
State diagram for single pin MSEO transfers
Note that the end message state does not contain valid data on
nex_mdo[n:0]. Also, it is not
possible to have two consecutive end packet messages. This implies the minimum packet
size for a variable length packet is 2x the number of
nex_mdo[n:0] pins. This ensures that a
false end-of-message state is not entered by emitting two consecutive 1s on
nex_mseo_b
before the actual end of message.
Figure 83 shows the state diagram for dual-pin MSEO transfers.
Table 273.
MSEO Pin(s) protocol
nex_mseo_b function
Single nex_mseo_b data
(serial)
Dual nex_mseo_b[1:0] data
Start of message
1–1–0
11–00
End of message
0–1–1–(more ones)
00 (or 01)–11–(more ones)
End of variable length packet
0–1–0
00–01
Message transmission
0s
00s
Idle (no message)
1s
11s
Normal
Transfer
nex_mseo_b=1
nex_mseo_b=1
nex_mseo_b=0
nex_mseo_b=0
nex_mseo_b=1
nex_mseo_b=1
nex_mseo_b=0
nex_mseo_b=0
nex_mseo_b=0
nex_mseo_b=1
Not Allowed
End
Packet
Idle
MDO: Invalid
Stage
Message
End
Message
MDO: Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com