Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 375 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 375 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 371Page - STMicroelectronics UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics UM0434 Datasheet HTML 377Page - STMicroelectronics UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 390 page
background image
Nexus3 module
UM0434
376/391
For example, if the
nex_mdo[n:0] port is 2 bits wide and the unique portion of an indirect
address TCODE is 5 bits, the remaining 1 bit of
nex_mdo[n:0] must be packed with a zero.
12.13
Auxiliary port arbitration
In a multiple Nexus environment, the Nexus3 module must arbitrate for the shared Nexus
port at the SoC level.The request scheme is implemented as a 2-bit request with various
levels of priority. The priority levels are defined in
Table 274 below. The Nexus3 module
receives a 1-bit grant signal (
npc_aux_grant) from the SoC level arbiter. When a grant is
received, the Nexus3 module begins transmitting its message following the protocol outlined
in
Chapter 12.11.2: Pin protocol on page 373.” The Nexus3 module maintains control of the
port, by asserting the
nex_aux_busy signal, until the MSEO state machine reaches the end
message state.
12.14
Examples
The following are examples of program trace and data trace messages.
Table 275 shows an example of an indirect branch message with 2 MDO/1 MSEO
configuration.
Table 276 shows the same example with an 8 MDO/2 MSEO configuration.
Note:
During clock 12, the nex_mdo[n:0] pins are ignored in the single MSEO case.
Table 274.
MDO request encodings
Request level
MDO request
Encoding(nex_aux_req[1:0])
Condition of queue
No request
00
No message to send
Low priority
01
Message queue less than half full
—10
Reserved
High priority
11
Message queue at least half full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com