Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 376 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 376 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics UM0434 Datasheet HTML 376Page - STMicroelectronics UM0434 Datasheet HTML 377Page - STMicroelectronics UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics UM0434 Datasheet HTML 380Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 390 page
background image
UM0434
Nexus3 module
377/391
T0 and S0 are the least significant bits, where Tx = TCODE number (fixed); Sx = source processor (fixed); Ix =
number of instructions (variable); Ax = unique portion of the address (variable).
T0 and S0 are the least significant bits, where Tx = TCODE number (fixed); Sx = source processor (fixed); Ix =
number of instructions (variable); Ax = unique portion of the address (variable).
Table 278 shows examples of direct branch messages: one with 2 MDO/1 MSEO, and one
with 8 MDO/2 MSEO.
Table 275.
Indirect branch message example (2 MDO/1 MSEO)
Clock
nex_mdo[1:0]
nex_mseo_b
State
0X
X
1
Idle (or end of last message)
1T1
T0
0
Start message
2T3
T2
0
Normal transfer
3T5
T4
0
Normal transfer
4S1
S0
0
Normal transfer
5S3
S2
0
Normal transfer
6I1
I0
0
Normal transfer
7I3
I2
0
Normal transfer
8I5
I4
1
End packet
9A1
A0
0
Normal transfer
10
A3
A2
0
Normal transfer
11
A5
A4
0
Normal transfer
12
A7
A6
1
End packet
During clock 12, the
nex_mdo[n:0] pins are
ignored in the single-MSEO case.
13
0
0
1
End message
14
T1
T0
0
Start message
Table 276.
Indirect branch message example (8 MDO/2 MSEO)
Clock
nex_mdo[7:0]
nex_mseo_b[1:0]
State
0
XXXXXXXX
1
1
Idle (or end of last
message)
1
S1
S0
T5T4T3T2T1T0
0
0
Start message
2
I5I4I3I2I1I0
S3
S2
0
1
End packet
3
A7A6A5
A4A3A2A1A0
1
1
End packet/end message
4
S1
S0
T5T4T3T2T1T0
0
0
Start message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com