Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 371 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 371 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 367Page - STMicroelectronics UM0434 Datasheet HTML 368Page - STMicroelectronics UM0434 Datasheet HTML 369Page - STMicroelectronics UM0434 Datasheet HTML 370Page - STMicroelectronics UM0434 Datasheet HTML 371Page - STMicroelectronics UM0434 Datasheet HTML 372Page - STMicroelectronics UM0434 Datasheet HTML 373Page - STMicroelectronics UM0434 Datasheet HTML 374Page - STMicroelectronics UM0434 Datasheet HTML 375Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 390 page
background image
Nexus3 module
UM0434
372/391
nex_rdy_b pin, nex_evto_b pin, and one clock output pin, nex_mcko. The output pins are
synchronized to the Nexus3 output clock,
nex_mcko.
All Nexus3 input functionality is controlled through the JTAG/OnCE port, in compliance with
IEEE 1149.1. (See
Chapter 12.5: Nexus3 register access through JTAG/OnCE on
page 348,” for details.) The JTAG pins are incorporated as I/O to the e200z3 processor and
are further described in
Chapter 11.5.2: JTAG/OnCE signals on page 308.”
The auxiliary pins are used to send and receive messages and are described in
Table 271.
Table 270.
JTAG pins for Nexus3
JTAG pin
I/O
Description of JTAG pins (included in e200z3 Nexus1)
j_tdo
O
Test data output.
j_tdo is the serial output for test instructions and data. It
is three-statable and is actively driven in the shift-IR and shift-DR
controller states. It changes on the falling edge of
j_tclk.
j_tdi
I
Test data input.
j_tdi receives serial test instruction and data. TDI is
sampled on the rising edge of
j_tclk.
j_tms
I
Test mode select. Input pin used to sequence the OnCE controller state
machine.
j_tms is sampled on the rising edge of j_tclk.
j_tclk
I
Test clock. Input pin used to synchronize the test logic and control register
access through the JTAG/OnCE port.
j_trst_b
I
Test reset. Input pin used to asynchronously initialize the JTAG/OnCE
controller.
Table 271.
Nexus3 auxiliary pins
Auxiliary pin
I/O
Description of auxiliary pins
nex_mcko
O
Message clock out. A free running output clock to development tools
for timing of
nex_mdo[n:0] and nex_mseo_b[1:0] pin functions.
nex_mcko is programmable through the DC1 register.
nex_mdo[n–0]
O
Message data out. Used for OTM, BTM, and DTM. External latching
of
nex_mdo[n:0] occurs on the rising edge of the Nexus3 clock
(
nex_mcko).
nex_mseo_b[1–0]
O
Message start/end out. Indicate when a message on the
nex_mdo[n:0] pins has started, when a variable length packet has
ended, and when the message has ended. External latching of
nex_mseo_b[1–0] occurs on the rising edge of the Nexus3 clock
(
nex_mcko). One- or two-pin MSEO functionality is determined at
integration time according to the SOC implementation
nex_rdy_b
O
Ready. Used to indicate to the external tool that the Nexus block is
ready for the next read/write access. If Nexus is enabled, this signal is
asserted upon successful completion (without error) of an AHB
system bus transfer (Nexus read or write) and is held asserted until
the JTAG/OnCE state machine reaches the capture_dr state. Upon
exit from system reset or if Nexus is disabled,
nex_rdy_b remains de-
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com