Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 382 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 382 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics UM0434 Datasheet HTML 380Page - STMicroelectronics UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics UM0434 Datasheet HTML 386Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 390 page
background image
UM0434
Glossary
383/391
E
Effective address (EA). The 32-bit address specified for a load, store, or an instruction
fetch. This address is then submitted to the MMU for translation to either a
physical memory
address or an I/O address.
Exception. A condition that, if enabled, generates an interrupt.
Execution synchronization. A mechanism by which all instructions in execution are
architecturally complete before beginning execution (appearing to begin execution) of the
next instruction. Similar to context synchronization but doesn't force the contents of the
instruction buffers to be deleted and refetched.
Exponent. In the binary representation of a floating-point number, the exponent is the
component that normally signifies the integer power to which the value two is raised in
determining the value of the represented number. See also
Biased exponent.
F
Fall-through (branch fall-through). A not-taken branch.
Fetch. Retrieving instructions from either the cache or main memory and placing them into
the instruction queue.
Finish. Finishing occurs in the last cycle of execution. In this cycle, the CQ entry is updated
to indicate that the instruction has finished executing.
Flush. An operation that causes a cache block to be invalidated and the data, if modified, to
be written to memory.
Fraction. In the binary representation of a floating-point number, the field of the
significand
that lies to the right of its implied binary point.
G
General-purpose register (GPR). Any of the 32 registers in the general-purpose register
file. These registers provide the source operands and destination results for all integer data
manipulation instructions. Integer load instructions move data from memory to GPRs and
store instructions move data from GPRs to memory.
Guarded. The guarded attribute pertains to out-of-order execution. When a page is
designated as guarded, instructions and data cannot be accessed out-of-order.
H
Harvard architecture. An architectural model featuring separate caches and other memory
management resources for instructions and data.
Hashing. An algorithm used in the
page table search process.
I
IEEE 754. A standard written by the Institute of Electrical and Electronics Engineers that
defines operations and representations of binary floating-point numbers.
Illegal instructions. A class of instructions that are not implemented for a particular
PowerPC processor. These include instructions not defined by the PowerPC architecture. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com