Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 385 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 385 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics UM0434 Datasheet HTML 386Page - STMicroelectronics UM0434 Datasheet HTML 387Page - STMicroelectronics UM0434 Datasheet HTML 388Page - STMicroelectronics UM0434 Datasheet HTML 389Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 390 page
background image
Glossary
UM0434
386/391
P
Page. A region in memory. The OEA defines a page as a 4-Kbyte area of memory, aligned
on a 4-Kbyte boundary.
Page access history bits. The
changed and referenced bits in the PTE keep track of the
access history within the page. The referenced bit is set by the MMU whenever the page is
accessed for a read or write operation. The changed bit is set when the page is stored into.
See
Changed bit and Referenced bit.
Page fault. A page fault is a condition that occurs when the processor attempts to access a
memory location that does not reside within a
page not currently resident in physical
memory. On PowerPC processors, a page fault interrupt condition occurs when a matching,
valid
page table entry (PTE[V] = 1) cannot be located.
Page table. A table in memory is comprised of
page table entries, or PTEs. It is further
organized into eight PTEs per PTEG (page table entry group). The number of PTEGs in the
page table depends on the size of the page table (as specified in the SDR1 register).
Physical memory. Actual memory that can be accessed through system memory bus.
Pipelining. A technique that breaks operations, such as instruction processing or bus
transactions, into smaller distinct stages or tenures (respectively) so that a subsequent
operation can begin before the previous one has completed.
Precise interrupts. A category of interrupt for which the pipeline can be stopped so
instructions that preceded the faulting instruction can complete and subsequent instructions
can be flushed and redispatched after interrupt handling has completed. See
Imprecise
interrupts.
Primary opcode. The most-significant 6 bits (bits 0–5) of the instruction encoding that
identifies the type of instruction.
Program order. The order of instructions in an executing program. More specifically, this
term is used to refer to the original order in which program instructions are fetched into the
instruction queue from the cache.
Protection boundary. A boundary between
protection domains.
Q
Quiesce. To come to rest. The processor is said to quiesce when an interrupt is taken or a
sync instruction is executed. The instruction stream is stopped at the decode stage and
executing instructions are allowed to complete to create a controlled context for instructions
that may be affected by out-of-order, parallel execution. See
Context synchronization.
Quiet NaN. A type of
NaN that can propagate through most arithmetic operations without
signaling interrupts. A quiet NaN is used to represent the results of certain invalid
operations, such as invalid arithmetic operations on infinities or on NaNs, when invalid. See
Signaling NaN.
R
Record bit. Bit 31 (or the Rc bit) in the instruction encoding. When it is set, updates the
condition register (CR) to reflect the result of the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com