Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 388 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 388 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics UM0434 Datasheet HTML 386Page - STMicroelectronics UM0434 Datasheet HTML 387Page - STMicroelectronics UM0434 Datasheet HTML 388Page - STMicroelectronics UM0434 Datasheet HTML 389Page - STMicroelectronics UM0434 Datasheet HTML 390Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 388 / 390 page
background image
UM0434
Glossary
389/391
U
Underflow. A condition that occurs during arithmetic operations when the result cannot be
represented accurately in the destination register. For example, underflow can happen if two
floating-point fractions are multiplied and the result requires a smaller
exponent and/or
mantissa than the single-precision format can provide. In other words, the result is too small
to be represented accurately.
User mode. The operating state of a processor used typically by application software. In
user mode, software can access only certain control registers and can access only user
memory space. No privileged operations can be performed. Also referred to as problem
state.
V
VEA (virtual environment architecture). The level of the
architecture that describes the
memory model for an environment in which multiple devices can access memory, defines
aspects of the cache model, defines cache control instructions, and defines the time-base
facility from a user-level perspective.
Implementations that conform to the PowerPC VEA
also adhere to the UISA, but may not necessarily adhere to the OEA.
Virtual address. An intermediate address used in the translation of an
effective address to
a physical address.
Virtual memory. The address space created using the memory management facilities of
the processor. Program access to
virtual memory is possible only when it coincides with
physical memory.
W
Way. A location in the cache that holds a cache block, its tags and status bits.
Word. A 32-bit data element.
Write-back. A cache memory update policy in which processor write cycles are directly
written only to the cache. External memory is updated only indirectly, for example, when a
modified cache block is
cast out to make room for newer data.
Write-through. A cache memory update policy in which all processor write cycles are
written to both the cache and memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com