Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 381 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 381 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 377Page - STMicroelectronics UM0434 Datasheet HTML 378Page - STMicroelectronics UM0434 Datasheet HTML 379Page - STMicroelectronics UM0434 Datasheet HTML 380Page - STMicroelectronics UM0434 Datasheet HTML 381Page - STMicroelectronics UM0434 Datasheet HTML 382Page - STMicroelectronics UM0434 Datasheet HTML 383Page - STMicroelectronics UM0434 Datasheet HTML 384Page - STMicroelectronics UM0434 Datasheet HTML 385Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 390 page
background image
Glossary
UM0434
382/391
C
Cache. High-speed memory containing recently accessed data or instructions (subset of
main memory).
Cache block. A small region of contiguous memory that is copied from memory into a
cache. The size of a cache block may vary among processors; the maximum block size is
one
page. In PowerPC processors, cache coherency is maintained on a cache-block basis.
Note that the term
cache block is often used interchangeably with ‘cache line.’
Cache coherency. An attribute wherein an accurate and common view of memory is
provided to all devices that share the same memory system. Caches are coherent if a
processor performing a read from its cache is supplied with data corresponding to the most
recent value written to memory or to another processor’s cache.
Cache flush. An operation that removes from a cache any data from a specified address
range. This operation ensures that any modified data within the specified address range is
written back to main memory. This operation is generated typically by a Data Cache Block
Flush (dcbf) instruction.
Caching-inhibited. A memory update policy in which the cache is bypassed and the load
or store is performed to or from main memory.
Cast out. A
cache block that must be written to memory when a cache miss causes a
cache block to be replaced.
Changed bit. One of two
page history bits found in each page table entry (PTE). The
processor sets the changed bit if any store is performed into the
page. See also Page
access history bits and Referenced bit.
Clean. An operation that causes a
cache block to be written to memory, if modified, and
then left in a valid, unmodified state in the cache.
Clear. To cause a bit or bit field to register a value of zero. See also
Set.
Completion. Completion occurs when an instruction has finished executing, written back
any results, and is removed from the completion queue (CQ). When an instruction
completes, it is guaranteed that this instruction and all previous instructions can cause no
interrupts.
Context synchronization. An operation that ensures that all instructions in execution
complete past the point where they can produce an
interrupt, that all instructions in
execution complete in the context in which they began execution, and that all subsequent
instructions are
fetched and executed in the new context. Context synchronization may
result from executing specific instructions (such as isync or rfi) or when certain events
occur (such as an
interrupt).
Copy-back operation. A cache operation in which a cache line is copied back to memory
to enforce cache coherency. Copy-back operations consist of snoop push-out operations
and cache cast-out operations.
D
Denormalized number. A nonzero floating-point number whose exponent has a reserved
value, usually the format's minimum, and whose explicit or implicit leading significand bit is
zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com