Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 32Page - Texas Instruments AM3874 Datasheet HTML 33Page - Texas Instruments AM3874 Datasheet HTML 34Page - Texas Instruments AM3874 Datasheet HTML 35Page - Texas Instruments AM3874 Datasheet HTML 36Page - Texas Instruments AM3874 Datasheet HTML 37Page - Texas Instruments AM3874 Datasheet HTML 38Page - Texas Instruments AM3874 Datasheet HTML 39Page - Texas Instruments AM3874 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-1. Boot Configuration Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
XIP (NOR) on GPMC Configuration. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, when the XIP (MUX0), XIP (MUX1),
XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode
is selected (see Table 4-1), BTMODE[10] is sampled to
GPMC
select between GPMC pin muxing options A or B shown
GPMC_D[10]/
DIS
Y26
I
PINCNTL99
in Table 4-2, XIP (on GPMC) Boot Options [Muxed or
BTMODE[10]
DVDD_GPMC
DSIS: PIN
Non-Muxed].
•
0 = GPMC Option A
•
1 = GPMC Option B
After reset, this pin functions as GPMC multiplexed
data/address pin 10 (GPMC_D[10]).
GPMC
Ethernet PHY Configuration. These pins are multiplexed
GPMC_D[9]/
DIS
AB28
I
PINCNTL98
between ARM Cortex-A8 boot mode and General-
BTMODE[9]
DVDD_GPMC
DSIS: PIN
Purpose Memory Controller (GPMC) peripheral functions.
At reset, when EMAC bootmode is selected (see Table 4-
1), BTMODE[9:8] pins are sampled to determine the
function of the Ethernet PHY Mode selection.
•
00 = MII (GMII)
•
01 = RMII
•
10 = RGMII
GPMC
GPMC_D[8]/
DIS
•
11 = Reserved
Y27
I
PINCNTL97
BTMODE[8]
DVDD_GPMC
DSIS: PIN
For more detailed information on the EMAC PHY boot
modes and the EMAC pin functions selected, see
Section 4.2.6, Ethernet PHY Mode Selection.
After reset, these pins function as GPMC multiplexed
data/address pins 9 and 8 (GPMC_D[9] and
GPMC_D[8]).
GPMC
GPMC_D[7]/
DIS
Reserved Boot Pins. These pins are multiplexed between
V25
I
PINCNTL96
BTMODE[7]
DVDD_GPMC
ARM Cortex-A8 boot mode and General-Purpose
DSIS: PIN
Memory Controller (GPMC) peripheral functions.
GPMC
GPMC_D[6]/
DIS
U25
I
PINCNTL95
For proper device operation at reset, these pins should
BTMODE[6]
DVDD_GPMC
DSIS: PIN
be externally pulled low.
GPMC
After reset, these pins function as GPMC multiplexed
GPMC_D[5]/
DIS
AA28
I
PINCNTL94
data/address pins 10 through 5 (GPMC_D[7:5]).
BTMODE[5]
DVDD_GPMC
DSIS: PIN
GPMC
GPMC_D[4]/
DIS
ARM Cortex-A8 Boot Mode Configuration Bits. These
V26
I
PINCNTL93
BTMODE[4]
DVDD_GPMC
pins are multiplexed between ARM Cortex-A8 boot mode
DSIS: PIN
and the General-Purpose Memory Controller (GPMC)
GPMC
peripheral functions.
GPMC_D[3]/
DIS
W27
I
PINCNTL92
BTMODE[3]
DVDD_GPMC
At reset, the boot mode inputs BTMODE[4:0] are
DSIS: PIN
sampled to determine the ARM boot configuration. For
GPMC
GPMC_D[2]/
DIS
more details on the types of boot modes supported, see
V27
I
PINCNTL91
BTMODE[2]
DVDD_GPMC
Section 4.2, Boot Modes, of this document, along with
DSIS: PIN
the AM387x ROM Code Memory and Peripheral Booting
GPMC
chapter of the AM387x Sitara™ ARM Processors
GPMC_D[1]/
DIS
Y28
I
PINCNTL90
Technical Reference Manual (Literature Number:
BTMODE[1]
DVDD_GPMC
DSIS: PIN
SPRUGZ7).
GPMC
After reset, these pins function as GPMC multiplexed
GPMC_D[0]/
DIS
U26
I
PINCNTL89
data/address pins 4 through 0 (GPMC_D[4:0]).
BTMODE[0]
DVDD_GPMC
DSIS: PIN
36
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com