Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 67Page - Texas Instruments AM3874 Datasheet HTML 68Page - Texas Instruments AM3874 Datasheet HTML 69Page - Texas Instruments AM3874 Datasheet HTML 70Page - Texas Instruments AM3874 Datasheet HTML 71Page - Texas Instruments AM3874 Datasheet HTML 72Page - Texas Instruments AM3874 Datasheet HTML 73Page - Texas Instruments AM3874 Datasheet HTML 74Page - Texas Instruments AM3874 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-12. GP2 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
GPIO2
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
VOUT[1]_AVID/
VOUT[1], EMAC[1],
EMAC[1]_MRXER/
VIN[1]A, UART4,
VIN[1]A_CLK/
IPD
Y22
I/O
TIMER6
General-Purpose Input/Output (I/O) 2 [GP2] pin 31
UART4_RTS/
DVDD
PINCNTL207
TIM6_IO/
DSIS: PIN
GP2[31]
VOUT[1]_VSYNC/
EMAC[1]_MCRS/
VOUT[1], EMAC[1],
VIN[1]A_FLD/
VIN[1]A, SPI[3],
IPD
VIN[1]A_DE/
AA23
I/O
UART3
General-Purpose Input/Output (I/O) 2 [GP2] pin 30
DVDD
SPI[3]_D[0]/
PINCNTL206
UART3_CTS/
DSIS: PIN
GP2[30]
VOUT[1]_HSYNC/
VOUT[1], EMAC[1],
EMAC[1]_MCOL/
VIN[1]A, SPI[3],
VIN[1]A_VSYNC/
IPD
AC24
I/O
UART3
General-Purpose Input/Output (I/O) 2 [GP2] pin 29
SPI[3]_D[1]/
DVDD
PINCNTL205
UART3_RTS/
DSIS: PIN
GP2[29]
VOUT[1]_CLK/
VOUT[1], EMAC[1],
EMAC[1]_MTCLK/
IPD
VIN[1]A
AE24
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 28
VIN[1]A_HSYNC/
DVDD
PINCNTL204
GP2[28]
DSIS: PIN
VOUT[0]
VOUT[0]_R_CR[3]/
IPD
AB9
I/O
PINCNTL197
General-Purpose Input/Output (I/O) 2 [GP2] pin 27
GP2[27]
DVDD
DSIS: PIN
VOUT[0]_R_CR[2]/
VOUT[0], EMU
IPD
EMU4/
AD9
I/O
PINCNTL196
General-Purpose Input/Output (I/O) 2 [GP2] pin 26
DVDD
GP2[26]
DSIS: PIN
VOUT[0]
VOUT[0]_G_Y_YC[3]/
IPD
AH15
I/O
PINCNTL189
General-Purpose Input/Output (I/O) 2 [GP2] pin 25
GP2[25]
DVDD
DSIS: PIN
VOUT[0]_G_Y_YC[2]/
VOUT[0], EMU
IPD
EMU3/
AH7
I/O
PINCNTL188
General-Purpose Input/Output (I/O) 2 [GP2] pin 24
DVDD
GP2[24]
DSIS: PIN
VOUT[0]
VOUT[0]_B_CB_C[3]/
IPD
AE15
I/O
PINCNTL181
General-Purpose Input/Output (I/O) 2 [GP2] pin 23
GP2[23]
DVDD
DSIS: PIN
VOUT[0]_B_CB_C[2]/
VOUT[0], EMU
IPD
EMU2/
AG7
I/O
PINCNTL180
General-Purpose Input/Output (I/O) 2 [GP2] pin 22
DVDD
GP2[22]
DSIS: PIN
VOUT[0]_AVID/
VOUT[0], SPI[3],
VOUT[0]_FLD/
IPD
TIMER7
SPI[3]_SCLK/
AA10
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 21
DVDD
PINCNTL179
TIM7_IO/
DSIS: PIN
GP2[21]
VIN[0]AB,
VIN[0]A_D[15]_BD[7]/
DIS
CAMERA_I/F
CAM_SHUTTER/
AC14
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 20
DVDD
PINCNTL155
GP2[20]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
71
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com